Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 209Page - Renesas Technology Corp M32C/86 Datasheet HTML 210Page - Renesas Technology Corp M32C/86 Datasheet HTML 211Page - Renesas Technology Corp M32C/86 Datasheet HTML 212Page - Renesas Technology Corp M32C/86 Datasheet HTML 213Page - Renesas Technology Corp M32C/86 Datasheet HTML 214Page - Renesas Technology Corp M32C/86 Datasheet HTML 215Page - Renesas Technology Corp M32C/86 Datasheet HTML 216Page - Renesas Technology Corp M32C/86 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 505 page
background image
Page 190
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
UARTi Special Mode Register 3 (i=0 to 4)
Symbol
Address
After Reset
U0SMR3 to U4SMR3
036516, 02E516, 033516, 032516, 02F516
0016
RW
NODC
ERR
DL0
DL1
SSE
DINC
CKPH
DL2
SS Pin Function
Enable Bit(1)
Clock Phase
Set Bit
Serial Input Port
Set Bit
Clock Output
Select Bit
Fault Error Flag(2)
SDAi Digital Delay
Time Set Bit(3, 4)
0: Disables SS pin function
1: Enables SS pin function
0: No clock delay
1: Clock delay
0: Selects the TxDi and RxDi pins
(master mode)
1: Selects the STxDi and SRxDi pins
(slave mode)
0: CMOS output
1: N-channel open drain output
0: No error
1: Error
000 : No delay
001 : 1-to-2 cycles of BRG count source
010 : 2-to-3 cycles of BRG count source
011 : 3-to-4 cycles of BRG count source
100 : 4-to-5 cycles of BRG count source
101 : 5-to-6 cycles of BRG count source
110 : 6-to-7 cycles of BRG count source
111 : 7-to-8 cycles of BRG count source
b7 b6 b5
Bit Name
Bit
Symbol
Function
NOTES:
1. Set the SS pin after the CRD bit in the UiC0 register is set to "1" (CTS/RTS function disabled).
2. The ERR bit is set to "0" by program. It is unchanged if set to "1".
3. Digital delay is generated from a SDAi output by the DL2 to DL0 bits in I2C mode. Set these bits to
"0002" (no delay) except in the I2C mode.
4. When the external clock is selected, approximately 100ns delay is added.
RW
RW
RW
RW
RW
RW
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0
Figure 17.7 U0SMR3 to U4SMR3 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com