Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 212Page - Renesas Technology Corp M32C/86 Datasheet HTML 213Page - Renesas Technology Corp M32C/86 Datasheet HTML 214Page - Renesas Technology Corp M32C/86 Datasheet HTML 215Page - Renesas Technology Corp M32C/86 Datasheet HTML 216Page - Renesas Technology Corp M32C/86 Datasheet HTML 217Page - Renesas Technology Corp M32C/86 Datasheet HTML 218Page - Renesas Technology Corp M32C/86 Datasheet HTML 219Page - Renesas Technology Corp M32C/86 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 505 page
background image
Page 193
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Clock Synchronous Serial I/O)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
17.1 Clock Synchronous Serial I/O Mode
In clock synchronous serial I/O mode, data is transmitted and received with the transfer clock. Table 17.1
lists specifications of clock synchronous serial I/O mode. Table 17.2 lists register settings. Tables 17.3 to
17.5 list pin settings. When UARTi (i=0 to 4) operating mode is selected, the TxDi pin outputs a high-level
("H") signal before transfer starts (the TxDi pin is in a high-impedance state when the N-channel open drain
output is selected). Figure 17.10 shows transmit and receive timings in clock synchronous serial I/O mode.
Table 17.1 Clock Synchronous Serial I/O Mode Specifications
Item
Specification
Transfer Data Format
Transfer data : 8 bits long
Transfer Clock
• The CKDIR bit in the UiMR register (i=0 to 4) is set to "0" (internal clock selected):
fj=f1, f8, f2n(1) m :setting value of the UiBRG register, 0016 to FF16
• The CKDIR bit is set to "1" (external clock selected) : an input from the CLKi pin
Transmit/Receive Control
_______
_______
_______ _______
Selected from the CTS function, RTS function or CTS/RTS function disabled
Transmit Start Condition
To start transmitting, the following requirements must be met(2):
- Set the TE bit in the UiC1 register to "1" (transmit enable)
- Set the TI bit in the UiC1 register to "0" (data in the UiTB register)
________
_______
- Apply a low-level ("L") signal to the CTSi pin when the CTS function is selected
Receive Start Condition
To start receiving, the following requirements must be met(2):
- Set the RE bit in the UiC1 register to "1" (receive enable)
- Set the TE bit to "1" (transmit enable)
- Set the TI bit to "0" (data in the UiTB register)
Interrupt Request Generation Timing • While transmitting, the following conditions can be selected:
- The UiIRS bit in the UiC1 register is set to "0" (no data in the transmit buffer):
when data is transferred from the UiTB register to the UARTi transmit register (transfer started)
- The UiIRS bit is set to "1" (transmission completed):
when a data transfer from the UARTi transmit register is completed
• While receiving
When data is transferred from the UARTi receive register to the UiRB register (reception completed)
Error Detect
Overrun error(3)
This error occurs when the seventh bit of the next received data is read before reading
the UiRB register
Selectable Function
• CLK polarity
Transferred data output and input are provided on either the rising edge or falling edge
of the transfer clock
• LSB first or MSB first
Data is transmitted or received in either bit 0 or in bit 7
• Continuous receive mode
Data can be received simultaneously by reading the UiRB register
• Serial data logic inverse
This function inverses transmitted/received data logically
NOTES:
1. The CNT3 to CNT0 bits in the TCSPR register select no division (n=0) or divide-by-2n (n=1 to 15).
2. To start transmission/reception when selecting the external clock, these conditions must be met after the CKPOL
bit in the UiC0 register is set to "0" (data is transmitted on the falling edge of the transfer clock and data is received
on the rising edge) and the CLKi pin is held "H", or when the CKPOL bit is set to "1" (data is transmitted on the rising
edge of the transfer clock and data is received on the falling edge) and the CLKi pin is held "L".
3. If an overrun error occurs, the UiRB register is indeterminate. The IR bit in the SiRIC register does not change to "1"
(interrupt requested).
fj
2(m+1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com