Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 216Page - Renesas Technology Corp M32C/86 Datasheet HTML 217Page - Renesas Technology Corp M32C/86 Datasheet HTML 218Page - Renesas Technology Corp M32C/86 Datasheet HTML 219Page - Renesas Technology Corp M32C/86 Datasheet HTML 220Page - Renesas Technology Corp M32C/86 Datasheet HTML 221Page - Renesas Technology Corp M32C/86 Datasheet HTML 222Page - Renesas Technology Corp M32C/86 Datasheet HTML 223Page - Renesas Technology Corp M32C/86 Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 505 page
background image
Page 197
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Clock Synchronous Serial I/O)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
D1
D2
D3
D4
D5
D6
D7
D1
D2
D3
D4
D5
D6
D7
D0
D0
TXDi
RXDi
CLKi
(1) When the CKPOL bit in the UiC0 register (i=0 to 4) is set to "0"
(Data is transmitted on the falling edge of the transfer clock and data is received on the rising edge)
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
TXDi
RXDi
CLKi
(2) When the CKPOL bit in the UiC0 register is set to "1"
(Data is transmitted on the rising edge of the transfer clock and data is received on the falling edge)
NOTES:
1. The CLKi pin is held high ("H") when no data is transferred.
2. The above applies when the UFORM bit in the UiC0 register is set to "0" (LSB first)
and the UiLCH bit in the UiC1 register is set to "0" (not inversed).
NOTES:
3. The CLKi pin is held low ("L") when no data is transferred.
4. The above applies when the UFORM bit in the UiC0 register is set to "0" (LSB first)
and the UiLCH bit in the UiC1 register is set to "0" (not inversed).
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
(1) When the UFORM bit in the UiC0 register (i=0 to 4) is set to "0"
(LSB first)
D0
D1
D2
D4
D3
D5
D6
D7
TXDi
RXDi
CLKi
TXDi
RXDi
CLKi
(2) When the UFORM bit in the UiC0 register is set to "1" (MSB first)
NOTES:
2. The above applies when the CKPOL bit in the UiC0 register is set to "0" (data is
transmitted on the falling edge of the transfer clock and received on the rising
edge) and the UiLCH bit in the UiC1 register is set to "0" (not inversed).
NOTES:
1. The above applies when the CKPOL bit in the UiC0 register is set to "0" (data is
transmitted on the falling edge of the transfer clock and received on the rising
edge) and the UiLCH bit in the UiC1 register is set to "0" (not inversed).
D0
D1
D2
D4
D3
D5
D6
D7
D7
D6
D5
D3
D4
D2
D1
D0
D7
D6
D5
D3
D4
D2
D1
D0
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
17.1.1 Selecting CLK Polarity Selecting
As shown in Figure 17.11, the CKPOL bit in the UiC0 register (i=0 to 4) determines the polarity of the
transfer clock.
Figure 17.11 Transfer Clock Polarity
17.1.2 Selecting LSB First or MSB First
As shown in Figure 17.12, the UFORM bit in the UiC0 register (i=0 to 4) determines a data transfer format.
Figure 17.12 Transfer Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com