Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 223 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 223 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 219Page - Renesas Technology Corp M32C/86 Datasheet HTML 220Page - Renesas Technology Corp M32C/86 Datasheet HTML 221Page - Renesas Technology Corp M32C/86 Datasheet HTML 222Page - Renesas Technology Corp M32C/86 Datasheet HTML 223Page - Renesas Technology Corp M32C/86 Datasheet HTML 224Page - Renesas Technology Corp M32C/86 Datasheet HTML 225Page - Renesas Technology Corp M32C/86 Datasheet HTML 226Page - Renesas Technology Corp M32C/86 Datasheet HTML 227Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 505 page
background image
Page 200
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (UART)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 17.7 lists register settings. Tables 17.8 to 17.10 list pin settings. When UARTi (i=0 to 4) operating
mode is selected, the TxDi pin outputs a high-level ("H") signal before transfer is started (the TxDi pin is in
a high-impedance state when the N-channel open drain output is selected). Figure 17.14 shows an ex-
ample of a transmit operation in UART mode. Figure 17.15 shows an example of a receive operation in
UART mode.
Table 17.7 Register Settings in UART Mode
Register
Bit
Function
UiTB
8 to 0
Set transmit data(1)
UiRB
8 to 0
Received data can be read(1)
OER, FER,
Error flags
PER, SUM
UiBRG
7 to 0
Set bit rate
UiMR
SMD2 to SMD0
Set to "1002" when transfer data is 7 bits long
Set to "1012" when transfer data is 8 bits long
Set to "1102" when transfer data is 9 bits long
CKDIR
Select the internal clock or external clock
STPS
Select stop bit length
PRY, PRYE
Select parity enable or disable, odd or even
IOPOL
Select TxD and RxD I/O polarity
UiC0
CLK1, CLK0
Select count source for the UiBRG register
CRS
_______
_______
Select either CTS or RTS when using either
TXEPT
Transfer register empty flag
CRD
________
_______
Select the CTS or RTS function enabled or disabled
NCH
Select output format of the TxDi pin
CKPOL
Set to "0"
UFORM
Select the LSB first or MSB first when a transfer data is 8 bits long
Set to "0" when transfer data is 7 bits or 9 bits long
UiC1
TE
Set to "1" to enable data transmission
TI
Transfer buffer empty flag
RE
Set to "1" to enable data reception
RI
Reception complete flag
UiIRS
Select what causes the UARTi transmit interrupt to be generated
UiRRM
Set to "0"
UiLCH
Select whether data logic is inversed or not inversed when a transfer data is
7 bits or 8 bits long. Set to "0" when transfer data is 9 bits long
UiERE
Set to either "0" or "1"
UiSMR
7 to 0
Set to "0016"
UiSMR2
7 to 0
Set to "0016"
UiSMR3
7 to 0
Set to "0016"
UiSMR4
7 to 0
Set to "0016"
NOTES:
1. Use bits 0 to 6 when transfer data is 7 bits long, bits 0 to 7 when 8 bits long, bits 0 to 8 when 9 bits long.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com