Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 221Page - Renesas Technology Corp M32C/86 Datasheet HTML 222Page - Renesas Technology Corp M32C/86 Datasheet HTML 223Page - Renesas Technology Corp M32C/86 Datasheet HTML 224Page - Renesas Technology Corp M32C/86 Datasheet HTML 225Page - Renesas Technology Corp M32C/86 Datasheet HTML 226Page - Renesas Technology Corp M32C/86 Datasheet HTML 227Page - Renesas Technology Corp M32C/86 Datasheet HTML 228Page - Renesas Technology Corp M32C/86 Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 505 page
background image
Page 202
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (UART)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Stop
bit
Stop
bit
Start
bit
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
D0 D1 D2 D3
D4 D5 D6
D7
ST
P
D0 D1
ST
SP
D0 D1 D2 D3 D4 D5 D6 D7
ST
D8
D0 D1 D2 D3 D4 D5 D6 D7
ST
D8
D0 D1
ST
SP SP
SP
TE bit in UiC1
register
TI bit in UiC1
register
TXEPT bit in UiC0
register
Start
bit
Parity
bit
TxDi
CTSi
"1"
"0"
"1"
"L"
"H"
IR bit in SiTIC
register
Set to "0" by an interrupt request acknowledgement or by program
TE bit in UiC1
register
TI bit in UiC1
register
TxDi
TXEPT bit in UiC0
register
"0"
"1"
"0"
"1"
"0"
"1"
i=0 to 4
The above timing applies to the following settings :
• The PRYE bit in the UiMR register is set to "0" (parity disabled)
• The STPS bit in the UiMR register is set to "1" (2 stop bits)
• The CRD bit in the UiC0 register is set to "1" (CTS function
disabled)
• The UilRS bit in the UiC1 register is set to "0" (no data in the
transmit buffer)
Transfer Clock
Tc
Tc = 16 (m + 1) / fj or 16 (m + 1) / fEXT
fj : count source frequency set in the UiBRG register (f1, f8, f2n(1))
fEXT : count source frequency set in the UiBRG register (external
clock)
m : setting value of the UiBRG register
NOTES:
1. The CNT3 to CNT0 bits in the TCSPR register select no division
(n=0) or divide-by-2n (n=1 to 15).
IR bit in SiTIC
register
"0"
"1"
Tc
Transfer Clock
Pulse stops because the TE bit is set to "0"
Stop
bit
Data is transferred from the UiTB register to the UARTi transmit register
The transfer clock stops momentarily, because an "H" signal is applied to the CTS pin,
when the stop bit state is verified.
The transfer clock resumes running as soon as an "L" signal is applied to the CTS pin
Data is set in the UiTB register
Data is transferred from the UiTB register to the UARTi transmit register
Data is set in the UiTB register
"0"
i=0 to 4
The above timing applies to the following settings :
• The PRYE bit in the UiMR register is set to "1" (parity enabled)
• The STPS bit in the UiMR register is set to "0" (1 stop bit)
• The CRD bit in the UiC0 register is set to "0" and the CRS bit is set
to "0" (CTS function selected)
• The UilRS bit in the UiC1 register is set to "1"
(transmission completed)
Tc = 16 (m + 1) / fj or 16 (m + 1) / fEXT
fj : count source frequency set in the UiBRG register (f1, f8, f2n(1))
fEXT : count source frequency set in the UiBRG register (external
clock)
m : setting value of the UiBRG register
NOTES:
1. The CNT3 to CNT0 bits in the TCSPR register select no division (n=0)
or divide-by-2n (n=1 to 15).
(1) 8-bit Data Transmit Timing (with a parity and 1 stop bit)
(2) 9-bit Data Transmit Timing (with no parity and 2 stop bits)
"1"
"0"
"1"
"0"
Set to "0" by an interrupt request acknowledgement or by program
SP
SP
Figure 17.14 Transmit Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com