Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 224Page - Renesas Technology Corp M32C/86 Datasheet HTML 225Page - Renesas Technology Corp M32C/86 Datasheet HTML 226Page - Renesas Technology Corp M32C/86 Datasheet HTML 227Page - Renesas Technology Corp M32C/86 Datasheet HTML 228Page - Renesas Technology Corp M32C/86 Datasheet HTML 229Page - Renesas Technology Corp M32C/86 Datasheet HTML 230Page - Renesas Technology Corp M32C/86 Datasheet HTML 231Page - Renesas Technology Corp M32C/86 Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 505 page
background image
Page 205
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (UART)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
P
SP
ST
SP
ST
P
P
SP
ST
SP
ST
P
TxDi
(no inverse)
Transfer Clock
(1) When the IOPOL bit in the UiMR register (i=0 to 4) is set to "0" (no inverse)
RxDi
(no inverse)
TxDi
(inverse)
Transfer Clock
(2) When the IOPOL bit in the UiMR register is set to "1" ( inverse)
RxDi
(inverse)
NOTES:
1. The above applies when the UFORM bit in the UiC0 register is set to "0" (LSB
first), the STPS bit in the UiMR bit is set to "0" (1 stop bit) and the PRYE bit is set
to "1" (parity enabled).
ST : Start bit
P : Even parity
SP : Stop bit
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
17.2.4 TxD and RxD I/O Polarity Inverse
TxD pin output and RxD pin input are inversed. All I/O data level, including the start bit, stop bit and parity
bit, are inversed. Figure 17.18 shows TxD and RxD I/O polarity inverse.
Figure 17.18 TxD and RxD I/O Polarity Inverse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com