Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 226 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 226 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 222Page - Renesas Technology Corp M32C/86 Datasheet HTML 223Page - Renesas Technology Corp M32C/86 Datasheet HTML 224Page - Renesas Technology Corp M32C/86 Datasheet HTML 225Page - Renesas Technology Corp M32C/86 Datasheet HTML 226Page - Renesas Technology Corp M32C/86 Datasheet HTML 227Page - Renesas Technology Corp M32C/86 Datasheet HTML 228Page - Renesas Technology Corp M32C/86 Datasheet HTML 229Page - Renesas Technology Corp M32C/86 Datasheet HTML 230Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 505 page
background image
Page 203
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (UART)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
D0
Start bit
Verify if an "L"
signal is applied
Capture a received data
UiBRG register
setting output
RE bit in UiC1
register
RxDi
Transfer Clock
RI bit in UiC1
register
RTSi
Stop bit
"1"
"0"
"0"
"1"
"H"
"L"
IR bit in SiRIC
register
"0"
"1"
Data is transferred from the UARTi receive
register to the UiRB register
Start receiving when the transfer clock is
generated on the falling edge of the start bit
D7
D1
Set to "0" by an interrupt request acknowledgement or by program
Change to "L" by reading the UiRB register
8-bit Data Receive Timing (with no parity and 1 stop bit)
i=0 to 4
NOTES:
1. The above applies when the PRYE bit in the UiMR register is set to "0" (parity disabled),
the STPS bit in the UiMR register is set to "0" (1 stop bit) and the CRS bit in the UiC0 register is set
to "1" (RTS function selected).
Figure 17.15 Receive Operation
17.2.1 Bit Rate
In UART mode, bit rate is clock frequency which is divided by a setting value of the UiBRG (i=0 to 4)
register and again divided by 16. Table 17.11 lists an example of bit rate setting.
Table 17.11 Bit Rate
e
t
a
R
t
i
B
)
s
p
b
(
t
n
u
o
C
e
c
r
u
o
S
f
o
G
R
B
i
U
:
k
c
o
l
C
n
o
i
t
c
n
u
F
l
a
r
e
h
p
i
r
e
P
z
H
M
6
1
:
k
c
o
l
C
n
o
i
t
c
n
u
F
l
a
r
e
h
p
i
r
e
P
z
H
M
4
2
:
k
c
o
l
C
n
o
i
t
c
n
u
F
l
a
r
e
h
p
i
r
e
P
z
H
M
2
3
e
u
l
a
V
g
n
i
t
t
e
S
:
G
R
B
i
U
f
o
n
e
t
a
R
t
i
B
l
a
u
t
c
A
)
s
p
b
(
e
u
l
a
V
g
n
i
t
t
e
S
:
G
R
B
i
U
f
o
n
e
t
a
R
t
i
B
l
a
u
t
c
A
)
s
p
b
(
e
u
l
a
V
g
n
i
t
t
e
S
:
G
R
B
i
U
f
o
n
e
t
a
R
t
i
B
l
a
u
t
c
A
)
s
p
b
(
0
0
2
18
f)
h
7
6
(
3
0
12
0
2
1)
h
6
9
(
5
5
12
0
2
1)
h
F
C
(
7
0
22
0
2
1
0
0
4
28
f)
h
3
3
(
1
54
0
4
2)
h
6
4
(
7
74
0
4
2)
h
7
6
(
3
0
14
0
4
2
0
0
8
48
f)
h
9
1
(
5
28
0
8
4)
h
6
2
(
8
38
0
8
4)
h
3
3
(
1
58
0
8
4
0
0
6
91
f)
h
7
6
(
3
0
15
1
6
9)
h
6
9
(
5
5
15
1
6
9)
h
F
C
(
7
0
25
1
6
9
0
0
4
4
11
f)
h
4
4
(
8
63
9
4
4
1)
h
7
6
(
3
0
13
2
4
4
1)
h
A
8
(
8
3
18
8
3
4
1
0
0
2
9
11
f)
h
3
3
(
1
51
3
2
9
1)
h
6
4
(
7
71
3
2
9
1)
h
7
6
(
3
0
11
3
2
9
1
0
0
8
8
21
f)
h
2
2
(
4
31
7
5
8
2)
h
3
3
(
1
56
4
8
8
2)
h
4
4
(
8
66
8
9
8
2
0
5
2
1
31
f)
h
F
1
(
1
30
5
2
1
3)
h
F
2
(
7
40
5
2
1
3)
h
F
3
(
3
60
5
2
1
3
0
0
4
8
31
f)
h
9
1
(
5
22
6
4
8
3)
h
6
2
(
8
32
6
4
8
3)
h
3
3
(
1
52
6
4
8
3
0
0
2
1
51
f)
h
3
1
(
9
10
0
0
0
5)
h
C
1
(
8
24
2
7
1
5)
h
6
2
(
8
32
8
2
1
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com