Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 206Page - Renesas Technology Corp M32C/86 Datasheet HTML 207Page - Renesas Technology Corp M32C/86 Datasheet HTML 208Page - Renesas Technology Corp M32C/86 Datasheet HTML 209Page - Renesas Technology Corp M32C/86 Datasheet HTML 210Page - Renesas Technology Corp M32C/86 Datasheet HTML 211Page - Renesas Technology Corp M32C/86 Datasheet HTML 212Page - Renesas Technology Corp M32C/86 Datasheet HTML 213Page - Renesas Technology Corp M32C/86 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 505 page
background image
Page 187
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
UARTi Transmit/Receive Control Register 0 (i=0 to 4)
Symbol
Address
After Reset
U0C0 to U4C0
036C16, 02EC16, 033C16, 032C16, 02FC16
0000 10002
RO
RW
TXEPT
CRD
NCH
UFORM
CKPOL
b0
b1
CLK0
CRS
CLK1
UiBRG Count
Source Select Bit
CST/RTS Function
Select Bit
Transmit Register
Empty Flag
CTS/RTS Disable
Bit
Data Output Select
Bit(1)
CLK Polarity
Select Bit
Transfer Format
Select Bit(3)
Enabled when CRD=0
0 : Selects CTS function
1 : Selects RTS function
0 0: Selects f1
0 1: Selects f8
1 0: Selects f2n(2)
1 1: Do not set to this value
0 : Data in the transmit register
(during transmission)
1 : No data in the transmit register
(transmission is completed)
0 : Enables CTS/RTS function
1 : Disables CTS/RTS function
0 : TxDi/SDAi and SCLi are ports for the
CMOS output
1 : TxDi/SDAi and SCLi are ports for the
N-channel open drain output
0 : LSB first
1 : MSB first
Bit Name
Bit
Symbol
Function
RW
RW
RW
RW
RW
RW
RW
NOTES:
1. P70/TxD2 and P71/SCL2 are ports for the N-channel open drain output, but not for the CMOS output.
2. The CNT3 to CNT0 bits in the TCSPR register select no division (n=0) or divide-by-2n (n=1 to 15).
3. The UFORM bit setting is enabled when the SMD2 to SMD0 bits in the UiMR register are set to
"0012" (clock syncronous serial I/O mode) or "1012" (UART mode, 8-bit transfer data).
Set the UFORM bit to "1" when setting the SMD2 to SMD0 bits to"0102" (I2C mode), or to "0" when
setting them to "1002" (UART mode, 7-bit transfer data) or "1102" (UART mode, 9-bit transfer data).
0 : Data is transmitted on the falling edge
of the transfer clock and data is
received on the rising edge
1 : Data is transmitted on the rising edge of
the transfer clock and data is received
on the falling edge
b7
b6
b5
b4
b3
b2
b1
b0
Figure 17.4 U0C0 to U4C0 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com