Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 238Page - Renesas Technology Corp M32C/86 Datasheet HTML 239Page - Renesas Technology Corp M32C/86 Datasheet HTML 240Page - Renesas Technology Corp M32C/86 Datasheet HTML 241Page - Renesas Technology Corp M32C/86 Datasheet HTML 242Page - Renesas Technology Corp M32C/86 Datasheet HTML 243Page - Renesas Technology Corp M32C/86 Datasheet HTML 244Page - Renesas Technology Corp M32C/86 Datasheet HTML 245Page - Renesas Technology Corp M32C/86 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 505 page
background image
Page 219
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Special Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
______
17.4.1 SSi Input Pin Function (i=0 to 4)
____
When the SSE bit in the UiSMR3 register is set to "1" (SS function enabled), the special mode 2 is
selected, activating the pin function.
The DINC bit in the UiSMR3 register determines which microcomputer performs as master or slave.
______
When multiple microcomputers perform as the masters (multi-master system), the SSi pin setting deter-
mines which master microcomputer is active and when.
17.4.1.1 When Setting the DINC Bit to "1" (Slave Mode)
_____
When a high-level ("H") signal is applied to the SSi pin, the STxDi and SRxDi pins are placed in a high-
impedance state and the transfer clock applied to the CLKi pin is ignored. When a low-level ("L") signal
_____
is applied to the SSi input pin, the transfer clock input is valid and serial communication is enabled.
17.4.1.2 When Setting the DINC Bit to "0" (Master Mode)
______
When using the SSi pin functin in master mode, set the UiIRS bit in the UiC1 register to "1" (transmis-
sion completed).
_____
When an "H" signal is applied to the SSi pin, serial communication is available due to transmission
_____
privilege. The master provides the transfer clock output. When an "L" signal is applied to the SSi pin,
it indicates that another master is active. The TxDi and CLKi pins are placed in high-impedance states
and the ERR bit in the UiSMR3 register is set to "1" (fault error) Use the transmit complete interrupt
routine to verify the ERR bit state.
To resume the serial communication after the fault error occurs, set the ERR bit to "0" while applying
______
the "H" signal to the SSi pin. The TxDi and CLKi pins become ready for signal outputs.
P13
P12
Microcomputer
P93(SS3)
P92(TxD3)
P90(CLK3)
P91(RxD3)
P93(SS3)
P92(SRxD3)
P90(CLK3)
P91(STxD3)
P93(SS3)
P92(SRxD3)
P90(CLK3)
P91(STxD3)
Master
Slave
Slave
Microcomputer
Microcomputer
____
Figure 17.23 Serial Bus Communication Control with SS Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com