Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 242Page - Renesas Technology Corp M32C/86 Datasheet HTML 243Page - Renesas Technology Corp M32C/86 Datasheet HTML 244Page - Renesas Technology Corp M32C/86 Datasheet HTML 245Page - Renesas Technology Corp M32C/86 Datasheet HTML 246Page - Renesas Technology Corp M32C/86 Datasheet HTML 247Page - Renesas Technology Corp M32C/86 Datasheet HTML 248Page - Renesas Technology Corp M32C/86 Datasheet HTML 249Page - Renesas Technology Corp M32C/86 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 505 page
background image
Page 223
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Special Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 17.25 Register Settings in GCI Mode
Register
Bit
Function
UiTB
7 to 0
Set transmit data
UiRB
7 to 0
Received data
OER
Overrun error flag
UiBRG
7 to 0
Set to "0016"
UiMR
SMD2 to SMD0
Set to "0012"
CKDIR
Set to "1"
IOPOL
Set to "0"
UiC0
CLK1, CLK0
Set to "002"
CRS
Disabled because the CRD bit is set to "1"
TXEPT
Transfer register empty flag
CRD
Set to "1"
NCH
Select the output format of the TxDi pin
CKPOL
Set to "0"
UFORM
Set to "0"
UiC1
TE
Set to "1" to enable data transmission and reception
TI
Transfer buffer empty flag
RE
Set to "1" to enable data reception
RI
Reception complete flag
UiIRS
Select what causes the UARTi transmit interrupt to be generated
UiRRM, UiLCH
Set to "0"
SCLKSTPB
Set to "0"
UiSMR
6 to 0
Set to "00000002"
SCLKDIV
See Table 17.29
UiSMR2
6 to 0
Set to "00000002"
SU1HIM
See Table 17.29
UiSMR3
2 to 0
Set to "0002"
NODC
Set to "0"
7 to 4
Set to "00002"
UiSMR4
7 to 0
Set to "0016"
i=0 to 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com