Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 241Page - Renesas Technology Corp M32C/86 Datasheet HTML 242Page - Renesas Technology Corp M32C/86 Datasheet HTML 243Page - Renesas Technology Corp M32C/86 Datasheet HTML 244Page - Renesas Technology Corp M32C/86 Datasheet HTML 245Page - Renesas Technology Corp M32C/86 Datasheet HTML 246Page - Renesas Technology Corp M32C/86 Datasheet HTML 247Page - Renesas Technology Corp M32C/86 Datasheet HTML 248Page - Renesas Technology Corp M32C/86 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 505 page
background image
Page 222
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Special Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
17.5 Special Mode 3 (GCI Mode)
In GCI mode, the external clock is synchronized with the transfer clock used in the clock synchronous serial
I/O mode.
Table 17.24 lists specifications of GCI mode. Table 17.25 lists registers settings. Tables 17.26 to 17.28 list
pin settings.
Table17.24 GCI Mode Specifications
Item
Specification
Transfer Data Format
Transfer data : 8 bits long
Transfer Clock
The CKDIR bit in the UiMR register (i=0 to 4) is set to "1" (external clock selected):
input from the CLKi pin
________
Clock Synchronization Function Trigger signal input from the CTSi pin
Transmit/Receive Start
To start data transmission and reception, meet the following conditions and then apply a
Condition
________
trigger signal to the CTSi pin:
- Set the TE bit in the UiC1 register to "1" (transmit enable)
- Set the RE bit in the UiC1 register to "1" (receive enable)
- Set the TI bit in the UiC1 register to "0" (Data in the UiTB register)
Interrupt Request
• While transmitting, the following condition can be selected:
Generation Timing
- The UiIRS bit in the UiC1 register is set to "0" (UiTB register empty):
when data is transferred from the UiTB register to the UARTi transmit register (transmission started)
- The UiIRS bit is set to "1" (Transmit completed):
when a data transmission from the UARTi transfer register is completed
• While receiving,
when data is transferred from the UARTi receive register to the UiRB register (reception
completed)
Error Detection
Overrun error(1)
This error occurs when the seventh bit of the next received data is read before reading the
UiRB register.
NOTES:
1. If an overrun error occurs, the UiRB register is indeterminate. The IR bit in the SiRIC register does not change to
"1" (interrupt requested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com