Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 245Page - Renesas Technology Corp M32C/86 Datasheet HTML 246Page - Renesas Technology Corp M32C/86 Datasheet HTML 247Page - Renesas Technology Corp M32C/86 Datasheet HTML 248Page - Renesas Technology Corp M32C/86 Datasheet HTML 249Page - Renesas Technology Corp M32C/86 Datasheet HTML 250Page - Renesas Technology Corp M32C/86 Datasheet HTML 251Page - Renesas Technology Corp M32C/86 Datasheet HTML 252Page - Renesas Technology Corp M32C/86 Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 505 page
background image
Page 226
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Special Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
17.6 Special Mode 4 (IE Mode)
In IE mode, devices connected with the IEBus can communicate in UART mode.
Table 17.30 lists register settings. Tables 17.31 to 17.33 list pin settings.
Table 17.30 Register Settings in IE Mode
Register
Bit
Function
UiTB
8 to 0
Set transmit data
UiRB
8 to 0
Received data can be read
OER, FER,
Error flags
PER, SUM
UiBRG
7 to 0
Set bit rate
UiMR
SMD2 to SMD0
Set to "1102"
CKDIR
Select the internal clock or external clock
STPS
Set to "0"
PRY
Disabled because the PRYE bit is set to "0"
PRYE
Set to "0"
IOPOL
Select TxD and RxD I/O polarity
UiC0
CLK1, CLK0
Select count source for the UiBRG register
CRS
Disabled because the CRD bit is set to "1"
TXEPT
Transfer register empty flag
CRD
Set to "1"
NCH
Select output format of the TxDi pin
CKPOL
Set to "0"
UFORM
Set to "0"
UiC1
TE
Set to "1" to enable data transmission
TI
Transfer buffer empty flag
RE
Set to "1" te enable data reception
RI
Reception complete flag
UiIRS
Select what causes the UARTi transmit interrupt to be generated
UiRRM, UiLCH,
Set to "0"
SCLKSTPB
UiSMR
3 to 0
Set to "00002"
ABSCS
Select bus conflict detect sampling timing
ACSE
Set to "1" to automatically clear the transmit enable bit
SSS
Select transmit start condition
SCLKDIV
Set to "0"
UiSMR2
7 to 0
Set to "0016"
UiSMR3
7 to 0
Set to "0016"
UiSMR4
7 to 0
Set to "0016"
IFSR
IFSR6, IFSR7
Select how the bus conflict interrupt occurs
i=0 to 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com