Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 248Page - Renesas Technology Corp M32C/86 Datasheet HTML 249Page - Renesas Technology Corp M32C/86 Datasheet HTML 250Page - Renesas Technology Corp M32C/86 Datasheet HTML 251Page - Renesas Technology Corp M32C/86 Datasheet HTML 252Page - Renesas Technology Corp M32C/86 Datasheet HTML 253Page - Renesas Technology Corp M32C/86 Datasheet HTML 254Page - Renesas Technology Corp M32C/86 Datasheet HTML 255Page - Renesas Technology Corp M32C/86 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 505 page
background image
Page 229
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Special Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
(1) The ABSCS Bit in the UiSMR Register (Bus conflict and sampling clock selected)
Bus conflict is detected on the rising edge of the transfer clock
when the ABSCS bit is set to "0"
Transfer Clock
Timer Aj
(2) The ACSE Bit in the UiSMR Register (Transmit enable bit is automatically cleared)
IR bit in
BCNilC register
TE bit in
UiC1 register
(3) The SSS bit in the UiSMR Register (Transmit start condition is selected)
TxDi
transmit enable conditons are met
CLKi
TxDi
RxDi
NOTES:
1. Data is transmitted on the falling edge of a signal applied to the RxDi pin when the IOPOL bit is set to "0".
Data is transmitted on the rising edge of a signal applied to the RxDi pin when the IOPOL bit is set to "1".
2. Data transmission condition must be met before the falling edge of the RxDi pin.
When the SSS bit is set to "0", data is transmitted after one transfer clock cycle
if data transmission is enabled.
TxDi
RxDi
ST
SP
Trigger signal is applied to the TAjIN pin
When the ABSCS bit is set to "1", bus conflict is detected when the timer Aj
underflows (in the one-shot timer mode). An interrupt request is generated.
Timer Aj: timer A3 in UART0 or UART3, timer A4 in UART1 or UART4, timer A0 in UART2
Transfer Clock
TxDi
RxDi
ST
SP
Transfer Clock
ST
SP
ST
D0
D1
D2
D3
D4
D5
D6
D7
D8
SP
When the SSS bit is set to "1", data is transmitted on the falling edge of RxDi(1)
(Note 2)
(i=0 to 4)
D0
D1
D2
D3
D4
D5
D6
D7
D8
D0
D1
D2
D3
D4
D5
D6
D7
D8
D0
D1
D2
D3
D4
D5
D6
D7
D8
Figure 17.28 Bit Function Related Bus Conflict Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com