Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 250Page - Renesas Technology Corp M32C/86 Datasheet HTML 251Page - Renesas Technology Corp M32C/86 Datasheet HTML 252Page - Renesas Technology Corp M32C/86 Datasheet HTML 253Page - Renesas Technology Corp M32C/86 Datasheet HTML 254Page - Renesas Technology Corp M32C/86 Datasheet HTML 255Page - Renesas Technology Corp M32C/86 Datasheet HTML 256Page - Renesas Technology Corp M32C/86 Datasheet HTML 257Page - Renesas Technology Corp M32C/86 Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 505 page
background image
Page 231
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Special Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 17.35 Register Settings in SIM Mode
Register
Bit
Function
UiTB
7 to 0
Set transmit data
UiRB
7 to 0
Received data can be read
OER, FER,
Error flags
PER, SUM
UiBRG
7 to 0
Set bit rate
UiMR
SMD2 to SMD0
Set to "1012"
CKDIR
Set to "0"
STPS
Set to "0"
PRY
Set to "1" for direct format or "0" for inverse format
PRYE
Set to "1"
IOPOL
Set to "0"
UiC0
CLK1, CLK0
Select count source for the UiBRG register
CRS
Disabled because the CRD bit is set to "1"
TXEPT
Transfer register empty flag
CRD
Set to "1"
NCH
Set to "1"
CKPOL
Set to "0"
UFORM
Set to "0" for direct format or "1" for inverse format
UiC1
TE
Set to "1" to enable data transmission
TI
Transfer buffer empty flag
RE
Set to "1" to enable data reception
RI
Reception complete flag
UiIRS
Set to "1"
UiRRM
Set to "0"
UiLCH
Set to "0" for direct format or "1" for inverse format
UiERE
Set to "1"
UiSMR
7 to 0
Set to "0016"
UiSMR2
7 to 0
Set to "0016"
UiSMR3
7 to 0
Set to "0016"
UiSMR4
7 to 0
Set to "0016"
i=0 to 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com