Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 254Page - Renesas Technology Corp M32C/86 Datasheet HTML 255Page - Renesas Technology Corp M32C/86 Datasheet HTML 256Page - Renesas Technology Corp M32C/86 Datasheet HTML 257Page - Renesas Technology Corp M32C/86 Datasheet HTML 258Page - Renesas Technology Corp M32C/86 Datasheet HTML 259Page - Renesas Technology Corp M32C/86 Datasheet HTML 260Page - Renesas Technology Corp M32C/86 Datasheet HTML 261Page - Renesas Technology Corp M32C/86 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 505 page
background image
Page 235
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Special Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
D0
D1
D2
D3
D4
D5
D6
D7
P
Transfer Clock
TxDi
TxDi
D7
D6
D5
D4
D3
D2
D1
D0
P
(1) Direct Format
Transfer Clock
(2) Inverse Format
P : Odd parity
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
P : Even parity
i=0 to 4
17.7.2 Format
17.7.2.1 Direct Format
Set the PRYE bit in the UiMR register (i=0 to 4) to "1" (parity enabled), the PRY bit to "1" (even
parity), the UFORM bit in the UiC0 register to "0" (LSB first) and the UiLCH bit in the UiC1 register to
"0" (not inversed). When data are transmitted, data set in the UiTB register are transmitted with the
even-numbered parity, starting from D0. When data are received, received data are stored in the
UiRB register, starting from D0. The even-numbered parity determines whether a parity error occurs.
17.7.2.2 Inverse Format
Set the PRYE bit to "1", the PRY bit to "0" (odd parity), the UFORM bit to "1" (MSB first) and the
UiLCH bit to "1" (inversed). When data are transmitted, values set in the UiTB register are logically
inversed and are transmitted with the odd-numbered parity, starting from D7. When data are re-
ceived, received data are logically inversed to be stored in the UiRB register, starting from D7. The
odd-numbered parity determines whether a parity error occurs.
Figure 17.32 SIM Interface Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com