Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 256Page - Renesas Technology Corp M32C/86 Datasheet HTML 257Page - Renesas Technology Corp M32C/86 Datasheet HTML 258Page - Renesas Technology Corp M32C/86 Datasheet HTML 259Page - Renesas Technology Corp M32C/86 Datasheet HTML 260Page - Renesas Technology Corp M32C/86 Datasheet HTML 261Page - Renesas Technology Corp M32C/86 Datasheet HTML 262Page - Renesas Technology Corp M32C/86 Datasheet HTML 263Page - Renesas Technology Corp M32C/86 Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 505 page
background image
Page 237
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
18. A/D Converter
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
000
AN00
001
AN01
010
AN02
011
AN03
100
AN04
AN05
101
110
AN06
111
AN07
000
AN20
001
AN21
010
AN22
011
AN23
100
AN24
AN25
101
110
AN26
111
AN27
000
AN150
P0(1)
P2(1)
P15
001
AN151
010
AN152
011
AN153
100
AN154
AN155
101
110
AN156
111
AN157
AD00 register
AD01 register
AD02 register
AD03 register
AD04 register
AD05 register
AD06 register
AD07 register
000
AN0
001
AN1
010
AN2
011
AN3
100
AN4
AN5
101
110
AN6
111
AN7
AD0CON0 register
AD0CON1 register
CSK0 bit in AD0CON0 register
CSK1 bit in AD0CON1 register
1/3
1/2
1/2
1/2
0
1
0
1
0
1
CSK2 bit in AD0CON3 register
fAD
ANEX0
ANEX1
OPA1 and OPA0 bits in
AD0CON1 register
X1
1X
11
01
00
CH2 to CH0 bits in
AD0CON0 register
CH2 to CH0 bits in
AD0CON0 register
APS1 and APS0 bits in
AD0CON2 register
00 11
10 01
TRG0 bit in
AD0CON2 register
0
1
1
TRG bit in
AD0CON0 register
EX TRG0
ADTRG
Timer B2 interrupt request
of the three-phase motor
control timer functions
AD0CON2 register
AD0CON3 register
AD0CON4 register
0
1
Comparator 0
Successive
conversion register
Resistor ladder
ØAD
NOTES:
1. These pins are available in single-chip mode.
P96
P95
P10
Figure 18.1 A/D Converter Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com