Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 252Page - Renesas Technology Corp M32C/86 Datasheet HTML 253Page - Renesas Technology Corp M32C/86 Datasheet HTML 254Page - Renesas Technology Corp M32C/86 Datasheet HTML 255Page - Renesas Technology Corp M32C/86 Datasheet HTML 256Page - Renesas Technology Corp M32C/86 Datasheet HTML 257Page - Renesas Technology Corp M32C/86 Datasheet HTML 258Page - Renesas Technology Corp M32C/86 Datasheet HTML 259Page - Renesas Technology Corp M32C/86 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 505 page
background image
Page 233
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Special Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 17.29 SIM Interface Operation
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
SP
D0 D1
D2 D3 D4 D5 D6
D7
ST
P
D0 D1 D2 D3
D4 D5 D6
D7
ST
P
SP
D0 D1
D2 D3 D4 D5 D6
D7
ST
P
D0 D1 D2 D3
D4 D5 D6
D7
ST
P
SP
SP
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
D0
D1
D2 D3 D4 D5 D6
D7
ST
P
SP
SP
Start
bit
Parity
bit
"0"
"1"
"0"
"1"
"0"
"1"
Set to "0" by an interrupt request acknowledgement or by program
Tc
Transfer Clock
Stop
bit
Data is written to
the UARTi register
An "L" signal is applied from the SIM
card due to a parity error
An interrupt routine
detects "H" or "L"
TxDi
"0"
"1"
Transfer Clock
Read the UiRB register
Signal Line Level(3)
TxDi
Signal Line Level(2)
NOTES:
1. Data transmission starts when BRG overflows after a value is set to the UiTB register on the rising edge of the TI bit.
2. Because the TxDi and RxDi pins are connected, a composite waveform, consisting of transmit waveform from the TxDi
pin and parity error signal from the receiving end, is generated.
3. Because the TxDi and RxDi pins are connected, a composite waveform, consisting of transmit waveform from the
transmitting end and parity error signal from the TxDi pin, is generated.
4. The CNT3 to CNT0 bits in the TCSPR register selects no division (n=0) or divide-by-2n (n=1 to 15).
Data is transferred from the UiTB
register to the UARi transmit register
(Note 1)
RE bit in UiC1
register
RI bit in UiC1
register
IR bit in SiRIC
register
TE bit in UiC1
register
TI bit in UiC1
register
TXEPT bit in
UiC0 register
IR bit in SiTIC
register
i=0 to 4
The above applies to the following settings :
• The PRYE bit in the UiMR register is set to "1" (parity enabled)
• The STPS bit in the UiMR register is set to "0" (1 stop bit)
• The UiIRS bit in the UiC1 register is set to "1" (interrupt request generated
when transmission completed)
Tc = 16(m+1) / fj
fj : count source frequency of the UiBRG register (f1, f8, f2n(4))
m : setting value of the UiBRG register
Start
bit
Set to "0" by an interrupt request acknowledgement or by program
Stop
bit
TxDi outputs "L" due to
a parity error
i=0 to 4
The above applies to the following settings :
• The PRYE bit in the UiMR register is set to "1" (parity enabled)
• The STPS bit in the UiMR register is set to "0" (1 stop bit)
Tc = 16(m+1) / fj
fj : count source frequency of the UiBRG register (f1, f8, f2n(4))
m : setting value of the UiBRG register
Parity
bit
"0"
"1"
"0"
"0"
"1"
(1) Transmit Timing
(2) Receive Timing
Parity Error Signal
returned from
Receiving End
Transmit Waveform
from the
Transmitting End
"1"
SP
An interrupt routine detects
"H" or "L"
SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com