Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 260Page - Renesas Technology Corp M32C/86 Datasheet HTML 261Page - Renesas Technology Corp M32C/86 Datasheet HTML 262Page - Renesas Technology Corp M32C/86 Datasheet HTML 263Page - Renesas Technology Corp M32C/86 Datasheet HTML 264Page - Renesas Technology Corp M32C/86 Datasheet HTML 265Page - Renesas Technology Corp M32C/86 Datasheet HTML 266Page - Renesas Technology Corp M32C/86 Datasheet HTML 267Page - Renesas Technology Corp M32C/86 Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 505 page
background image
Page 241
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
18. A/D Converter
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Function
A/D0 Control Register 3(1, 2)
Bit Name
Bit
Symbol
Symbol
Address
After Reset
AD0CON3
039516
XXXX X0002
RW
RW
RW
RW
RO
RO
RW
DUS
MSS
CKS2
MSF0
MSF1
(b7 - b5)
Multi-Port Sweep
Status Flag(8)
DMAC Operation
Select Bit(3)
Multi-Port Sweep
Mode Select Bit
Frequency Select Bit
0 0 : AN0 to AN7
0 1 : AN150 to AN157
1 0 : AN00 to AN07
1 1 : AN20 to AN27
b4 b3
NOTES:
1. When the AD0CON3 register is rewritten during the A/D conversion, the conversion result is
indeterminate.
2. The AD0CON3 may be read uncorrectly during the A/D conversion. It must be read or written after the
A/D converter stops operating.
3. When the MSS bit is set to "1", set the DUS bit to "1".
4. When the DUS bit is set to "1", the AD00 register stores all A/D conversion results.
5. When the DUS bit is set to "1", set the DMAC.
6. When the MSS bit is set to "1", set the MD2 bit in the AD0CON1 register to "0" (other than repeat
sweep mode 1), the APS1 and APS0 bits in the AD0CON2 register to "012" (AN150 to AN157) and the
OPA1 and OPA0 bits in the AD0CON1 register to "002" (ANEX0 and ANEX1 not used).
7. Refer to the note for the CKS0 bit in the AD0CON0 register.
8. The MSF1 and MSF0 bit settings are enabled when the MSS bit is set to "1". Value in the bit is
indeterminate when the MSS bit is set to "0".
Reserved Bit
(Note 7)
Set to "0".
When read, its content is indeterminate.
0 : Disables multi-port sweep mode
1 : Enables multi-port sweep mode(3, 6)
0 : Disables DMAC operating mode
1 : Enables DMAC operating mode(4, 5)
b7
b6
b5
b4
b3
b2
b1
b0
00 0
Figure 18.5 AD0CON3 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com