Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 261Page - Renesas Technology Corp M32C/86 Datasheet HTML 262Page - Renesas Technology Corp M32C/86 Datasheet HTML 263Page - Renesas Technology Corp M32C/86 Datasheet HTML 264Page - Renesas Technology Corp M32C/86 Datasheet HTML 265Page - Renesas Technology Corp M32C/86 Datasheet HTML 266Page - Renesas Technology Corp M32C/86 Datasheet HTML 267Page - Renesas Technology Corp M32C/86 Datasheet HTML 268Page - Renesas Technology Corp M32C/86 Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 505 page
background image
Page 242
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
18. A/D Converter
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Function
A/D0 Control Register 4(1)
Bit Name
Bit
Symbol
Symbol
Address
After Reset
AD0CON4
039216
XXXX 00XX2
RW
RW
RW
RW
RW
MPS10
MPS11
(b1 - b0)
(b7 - b4)
Multi-Port Sweep
Port Select Bit(2)
NOTES:
1. When the AD0CON4 register is rewritten during the A/D conversion, the conversion result is
indeterminate.
2. The MPS11 and MPS10 bits can be set to "102" or "112" in single-chip mode only.
3. When the MSS bit in the AD0CON3 regsiter is set to "0" (multi-port sweep mode disabled), set the
MPS11 and MPS10 bits to "002".
When the MSS bit is set to "1" (multi-port sweep mode enabled), set the MPS11 and MPS10 bits to
"012", "102" or "112".
Reserved Bit
Set to "0".
When read, its content is indeterminate.
Reserved Bit
Set to "0".
When read, its content is indeterminate.
0 0 : (Note 3)
0 1 : AN0 to AN7, AN150 to AN157
1 0 : AN0 to AN7, AN00 to AN07
1 1 : AN0 to AN7, AN20 to AN27
b3 b2
b7
b6
b5
b4
b3
b2
b1
b0
000
0
0 0
Figure 18.6 AD0CON4 Register and AD00 to AD07 Registers
Function
A/D0 Register i (i =0 to 7)(1, 2, 3, 4, 5)
Symbol
Address
After Reset
AD00
038116 - 038016
00000000 XXXXXXXX2
AD01 to AD03
038316 - 038216, 038516 - 038416, 038716 - 038616
Indeterminate
AD04 to AD06
038916 - 038816, 038B16 - 038A16, 038D16 - 038C16 Indeterminate
AD07
038F16 - 038E16
Indeterminate
RW
RO
RO
8 low-order bits in an A/D conversion result
When read, its content is indeterminate.
In 10-bit mode
In 8-bit mode
: 2 high-order bits in an A/D conversion result
: When read, its content is indeterminate.
RO
b7
b0
b15
b8
NOTES:
1. In DMAC operating mode, register value read by program is indeterminate.
2. Register value is indeterminate when written while the A/D conversion is stopped.
3. Register value is indeterminate if the next A/D conversion result is stored before reading the register.
4. The AD00 register is available in DMAC operating mode. Other registers are indeterminate.
5. In DMAC operating mode and 10-bit mode, set DMAC for a 16-bit transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com