Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 265Page - Renesas Technology Corp M32C/86 Datasheet HTML 266Page - Renesas Technology Corp M32C/86 Datasheet HTML 267Page - Renesas Technology Corp M32C/86 Datasheet HTML 268Page - Renesas Technology Corp M32C/86 Datasheet HTML 269Page - Renesas Technology Corp M32C/86 Datasheet HTML 270Page - Renesas Technology Corp M32C/86 Datasheet HTML 271Page - Renesas Technology Corp M32C/86 Datasheet HTML 272Page - Renesas Technology Corp M32C/86 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 505 page
background image
Page 246
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
18. A/D Converter
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
18.1.4 Repeat Sweep Mode 0
In repeat sweep mode 0, analog voltage applied to selected pins is repeatedly converted to a digital code.
Table 18.5 lists specifications of repeat sweep mode 0.
Table 18.5 Repeat Sweep Mode 0 Specifications
Item
Specification
Function
The SCAN1 and SCAN0 bits in the AD0CON1 register and the APS1 and APS0
bits in the AD0CON2 register select pins. Analog voltage applied to the pins is
repeatedly converted to a digital code
Start Condition
Same as one-shot mode
Stop Condition
The ADST bit in the AD0CON0 register is set to "0" (A/D conversion stopped) by
program
Interrupt Request Generation Timing • When the DUS bit in the AD0CON3 register is set to "0" (DMAC operating mode
disabled), no interrupt request is generated
• When DUS bit is set to "1" (DMAC operating mode enabled), an interrupt request
is generated every time an A/D conversion is completed
Analog Voltage Input Pins
Select from ANi0 and ANi1 (2 pins) (i=none, 0, 2, 15), ANi0 to ANi3 (4 pins), ANi0 to
ANi5 (6 pins) or ANi0 to ANi7 (8 pins)
Reading of A/D Conversion Result • When the DUS bit is set to "0", the microcomputer reads the AD0j register (j=0 to
7) corresponding to selected pins
• When the DUS bit is set to "1", do not read the AD00 register. A/D conversion
result is stored in the AD00 register after the A/D conversion is completed.
DMAC transfers the conversion result to any memory space. Refer to 13. DMAC
for DMAC settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com