Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 268Page - Renesas Technology Corp M32C/86 Datasheet HTML 269Page - Renesas Technology Corp M32C/86 Datasheet HTML 270Page - Renesas Technology Corp M32C/86 Datasheet HTML 271Page - Renesas Technology Corp M32C/86 Datasheet HTML 272Page - Renesas Technology Corp M32C/86 Datasheet HTML 273Page - Renesas Technology Corp M32C/86 Datasheet HTML 274Page - Renesas Technology Corp M32C/86 Datasheet HTML 275Page - Renesas Technology Corp M32C/86 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 505 page
background image
Page 249
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
18. A/D Converter
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
18.1.7 Multi-Port Repeat Sweep Mode 0
In multi-port repeat sweep mode 0, analog voltage that is applied to 16 selected pins is repeatedly con-
verted to a digital code. Set the DUS bit in the AD0CON3 register to "1" (DMAC operating mode en-
abled). Table 18.8 lists specifications of multi-port repeat sweep mode 0.
Table 18.8 Multi-Port Repeat Sweep Mode 0 Specifications
Item
Specification
Function
The MPS11 and MPS10 bits in the AD0CON4 register select 16 pins. Analog
voltage applied to the 16 pins is repeatedly converted to a digital code in the fol-
lowing order: AN0 to AN7
ANi0 to ANi7 (i=0, 2, 15)
e.g., When the MPS11 and MPS10 bits are set to "102" (AN0 to AN7, AN00 to AN07),
analog voltage is repeatedly converted to a digital code in the following order:
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
AN00
AN01
.......
AN06
AN07
Start Condition
Same as one-shot mode
Stop Condition
The ADST bit is set to "0" (A/D conversion stopped) by program
Interrupt Request Generation Timing An interrupt request is generated after each A/D conversion is completed
(Set the DUS bit to "1")
Analog Voltage Input Pins
Selectable from AN0 to AN7
AN150 to AN157, AN0 to AN7
AN00 to AN07 or
AN0 to AN7
AN20 to AN27
Reading of A/D Conversion Result Do not read the AD00 register. A/D conversion result is stored in the AD00 regis-
ter after the A/D conversion is completed. DMAC transfers the conversion result
to any memory space. Refer to 13. DMAC for DMAC settings
(Set the DUS bit to "1")



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com