Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 269Page - Renesas Technology Corp M32C/86 Datasheet HTML 270Page - Renesas Technology Corp M32C/86 Datasheet HTML 271Page - Renesas Technology Corp M32C/86 Datasheet HTML 272Page - Renesas Technology Corp M32C/86 Datasheet HTML 273Page - Renesas Technology Corp M32C/86 Datasheet HTML 274Page - Renesas Technology Corp M32C/86 Datasheet HTML 275Page - Renesas Technology Corp M32C/86 Datasheet HTML 276Page - Renesas Technology Corp M32C/86 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 505 page
background image
Page 250
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
18. A/D Converter
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
18.2 Functions
18.2.1 Resolution Select Function
The BITS bit in the AD0CON1 register determines the resolution. When the BITS bit is set to "1" (10-bit
precision), the A/D conversion result is stored into bits 9 to 0 in the AD0j register (j = 0 to 7). When the
BITS bit is set to "0" (8-bit precision), the A/D conversion result is stored into bits 7 to 0 in the AD0j
register.
18.2.2 Sample and Hold Function
When the SMP bit in the AD0CON2 register is set to "1" (with the sample and hold function), A/D conver-
sion rate per pin increases to 28 ØAD cycles for 8-bit resolution and 33 ØAD cycles for 10-bit resolution.
The sample and hold function is available in all operating modes. Start the A/D conversion after selecting
whether the sample and hold function is to be used or not.
18.2.3 Trigger Select Function
The TRG bit in the AD0CON0 register and the TRG0 bit in the AD0CON2 register select the trigger to
start the A/D conversion. Table 18.9 lists settings of the trigger select function.
Table 18.9 Trigger Select Function Settings
Bit and Setting
Trigger
AD0CON0 Register
AD0CON2 Register
TRG = 0
-
Software trigger
The A/D0 starts the A/D conversion when the ADST bit in the
AD0CON0 register is set to "1"
TRG = 1(1)
TRG0 = 0
External trigger(2)
__________
Falling edge of a signal applied to ADTRG
TRG0 = 1
Hardware trigger(2)
The timer B2 interrupt request of three-phase motor control timer
functions (after the ICTB2 counter completes counting)
NOTES:
1. A/D0 starts the A/D conversion when the ADST bit is set to "1" (A/D conversion started) and a trigger is generated.
2. The A/D conversion is restarted if an external trigger or a hardware trigger is inserted during the A/D conversion.
(The A/D conversion in process is aborted.)
18.2.4 DMAC Operating Mode
DMAC operating mode is available with all operating modes. When the A/D converter is in multi-port
single sweep mode or multi-port repeat sweep mode 0, the DMAC operating mode must be used. When
the DUS bit in the AD0CON3 register is set to "1" (DMAC operating mode enabled), all A/D conversion
results are stored into the AD00 register. DMAC transfers data from the AD00 register to any memory
space every time an A/D conversion is completed in each pin. 8-bit DMA transfer must be selected for 8-
bit resolution and 16-bit DMA transfer for 10-bit resolution. Refer to 13. DMAC for instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com