Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 249Page - Renesas Technology Corp 7721 Datasheet HTML 250Page - Renesas Technology Corp 7721 Datasheet HTML 251Page - Renesas Technology Corp 7721 Datasheet HTML 252Page - Renesas Technology Corp 7721 Datasheet HTML 253Page - Renesas Technology Corp 7721 Datasheet HTML 254Page - Renesas Technology Corp 7721 Datasheet HTML 255Page - Renesas Technology Corp 7721 Datasheet HTML 256Page - Renesas Technology Corp 7721 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 577 page
background image
A-D CONVERTER
7721 Group User’s Manual
12–2
12.1 Overview
Table 12.1.1 lists the performance specifications of the A-D converter.
Table 12.1.1 Performance specifications of A-D converter
12.1 Overview
Item
A-D conversion method
Resolution
Absolute accuracy
Analog input pin
Conversion rate per analog input pin
Performance specifications
Successive approximation conversion method
8 bits
±3 LSB
8 pins (AN0 to AN7) (Note)
57
φADV cycles
φADV: A-D converter’s operation clock
The A-D converter has the 4 operation modes listed below.
•One-shot mode
This mode is used to perform the operation once for a voltage input from one selected analog input pin.
•Repeat mode
This mode is used to perform the operation repeatedly for a voltage input from one selected analog input
pin.
•Single sweep mode
This mode is used to perform the operation for voltages input from multiple selected analog input pins, one
at a time.
•Repeat sweep mode
This mode is used to perform the operation repeatedly for voltages input from multiple selected analog
input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com