Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 252Page - Renesas Technology Corp 7721 Datasheet HTML 253Page - Renesas Technology Corp 7721 Datasheet HTML 254Page - Renesas Technology Corp 7721 Datasheet HTML 255Page - Renesas Technology Corp 7721 Datasheet HTML 256Page - Renesas Technology Corp 7721 Datasheet HTML 257Page - Renesas Technology Corp 7721 Datasheet HTML 258Page - Renesas Technology Corp 7721 Datasheet HTML 259Page - Renesas Technology Corp 7721 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 577 page
background image
A-D CONVERTER
7721 Group User’s Manual
12–5
(2)
Trigger select bit (bit 5)
This bit is used to select the source of trigger occurrence. (Refer to section “(3) A-D conversion
start bit.”)
(3)
A-D conversion start bit (bit 6)
q When internal trigger is selected
Setting this bit to “1” generates a trigger, causing the A-D converter to start operating. Clearing
this bit to “0” causes the A-D converter to stop operating.
In the one-shot mode or single sweep mode, this bit is cleared to “0” after the operation is
completed. In the repeat mode or repeat sweep mode, the A-D converter continues operating until
this bit is cleared to “0” by software.
q When external trigger is selected
______
When the ADTRG pin level goes from “H” to “L” with this bit = “1,” a trigger occurs, causing the
A-D converter to start operating. The A-D converter stops when this bit is cleared to “0.”
In the one-shot mode or single sweep mode, this bit remains set to “1” even after the operation
is completed. In the repeat mode or repeat sweep mode, the A-D converter continues operating
until this bit is cleared to “0” by software.
(4)
A-D conversion frequency (
φAD) select bit (bit 7)
As listed in Table 12.2.1, the conversion time of the A-D converter varies depending on the operating
clock (
φAD) selected by this bit.
Since the A-D converter’s comparator consists of capacity coupling amplifiers, keep that
φAD ≥ 250
kHz during A-D conversion.
12.2 Block description
Table 12.2.1 Conversion time per one analog input pin (unit:
µs)
1
f2/2
28.5
14.25
9.12
0
f2/4
57.0
28.5
18.24
A-D conversion frequency (
φAD) select bit
φAD
Conversion time
f(XIN) = 8 MHz
f(XIN) = 16 MHz
f(XIN) = 25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com