Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 251Page - Renesas Technology Corp 7721 Datasheet HTML 252Page - Renesas Technology Corp 7721 Datasheet HTML 253Page - Renesas Technology Corp 7721 Datasheet HTML 254Page - Renesas Technology Corp 7721 Datasheet HTML 255Page - Renesas Technology Corp 7721 Datasheet HTML 256Page - Renesas Technology Corp 7721 Datasheet HTML 257Page - Renesas Technology Corp 7721 Datasheet HTML 258Page - Renesas Technology Corp 7721 Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 577 page
background image
A-D CONVERTER
7721 Group User’s Manual
12–4
12.2.1 A-D control register
Figure 12.2.2 shows the structure of the A-D control register. The A-D operation mode select bit selects
the operation mode of the A-D converter. The other bits are described below.
12.2 Block description
Fig. 12.2.2 Structure of A-D control register
(1)
Analog input select bits (bits 2 to 0)
These bits are used to select an analog input pin in the one-shot mode and repeat mode. Pins which
are not selected as analog input pins function as programmable I/O ports.
These bits must be set again when the user switches the A-D operation mode to the one-shot mode
or repeat mode after A-D conversion is performed in the single sweep mode or repeat sweep mode.
b7
b6
b5
b4
b3
b2
b1
b0
A-D control register (Address 1E16)
Bit
A-D conversion frequency
( AD) select bit
A-D conversion start bit
Trigger select bit
4
A-D operation mode select bits
2
1
0
Bit name
At reset
0
Undefined
RW
Functions
0 0 0 : AN0 selected
0 0 1 : AN1 selected
0 1 0 : AN2 selected
0 1 1 : AN3 selected
1 0 0 : AN4 selected
1 0 1 : AN5 selected
1 1 0 : AN6 selected
1 1 1 : AN7 selected (Note 2)
b2 b1 b0
0 : Internal trigger
1 : External trigger
0 0 : One-shot mode
0 1 : Repeat mode
1 0 : Single sweep mode
1 1 : Repeat sweep mode
0 : Stop A-D conversion
1 : Start A-D conversion
b4 b3
Notes 1: These bits are ignored in the single sweep and repeat sweep mode. (They may be
either “0” or “1.”)
2: When an external trigger is selected, the AN7 pin cannot be used as an analog input
pin.
3: Writing to each bit (except bit 6) of the A-D control register must be performed while
the A-D converter halts.
Analog input select bits
(Valid in one-shot and repeat
modes) (Note 1)
3
7
6
5
Undefined
Undefined
RW
RW
RW
RW
RW
RW
RW
RW
0
0
0
0
0 : f2 divided by 4
1 : f2 divided by 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com