Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 255Page - Renesas Technology Corp 7721 Datasheet HTML 256Page - Renesas Technology Corp 7721 Datasheet HTML 257Page - Renesas Technology Corp 7721 Datasheet HTML 258Page - Renesas Technology Corp 7721 Datasheet HTML 259Page - Renesas Technology Corp 7721 Datasheet HTML 260Page - Renesas Technology Corp 7721 Datasheet HTML 261Page - Renesas Technology Corp 7721 Datasheet HTML 262Page - Renesas Technology Corp 7721 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 577 page
background image
A-D CONVERTER
7721 Group User’s Manual
12–8
12.2.4 A-D conversion interrupt control register
Figure 12.2.5 shows the structure of the A-D conversion interrupt control register. For details about interrupts,
refer to “CHAPTER 7. INTERRUPTS.”
12.2 Block description
Fig. 12.2.5 Structure of A-D conversion interrupt control register
(1)
Interrupt priority level select bits (bits 2 to 0)
These bits select an A-D conversion interrupt’s priority level. When using A-D conversion interrupts,
select one of the priority levels (1 to 7). When an A-D conversion interrupt request occurs, its priority
level is compared with the processor interrupt priority level (IPL). The requested interrupt is enabled
only when its priority level is higher than the IPL. (However, this applies when the interrupt disable
flag (I) = “0.”)
To disable A-D conversion interrupts, set these bits to “0002” (level 0).
(2)
Interrupt request bit (bit 3)
This bit is set to “1” when an A-D conversion interrupt request occurs. This bit is automatically
cleared to “0” when the A-D conversion interrupt request is accepted. This bit can be set to “1” or
cleared to “0” by software.
b7
b6
b5
b4
b3
b2
b1
b0
A-D conversion interrupt control register (Address 7016)
Bit
7 to 4
Interrupt request bit
2
1
0
Bit name
At reset
0
RW
Functions
0 0 0 : Level 0 (Interrupt disabled)
0 0 1 : Level 1
Low level
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
High level
b2 b1 b0
0 : No interrupt requested
1 : Interrupt requested
Interrupt priority level select bits
3
RW
RW
RW
RW
–
Undefined
0
0
0
Nothing is assigned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com