Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 259Page - Renesas Technology Corp 7721 Datasheet HTML 260Page - Renesas Technology Corp 7721 Datasheet HTML 261Page - Renesas Technology Corp 7721 Datasheet HTML 262Page - Renesas Technology Corp 7721 Datasheet HTML 263Page - Renesas Technology Corp 7721 Datasheet HTML 264Page - Renesas Technology Corp 7721 Datasheet HTML 265Page - Renesas Technology Corp 7721 Datasheet HTML 266Page - Renesas Technology Corp 7721 Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 577 page
background image
7721 Group User’s Manual
12–12
A-D CONVERTER
12.4 Absolute accuracy and differential non-linearity error
12.4 Absolute accuracy and differential non-linearity error
The A-D converter’s accuracy is described below. Refer to section “Appendix 12.3 A-D converter standard
characteristics,” also.
12.4.1 Absolute accuracy
The absolute accuracy is the difference expressed in the LSB between the actual A-D conversion result
and the output code of an A-D converter with ideal characteristics. The analog input voltage when measuring
the accuracy is assumed to be the mid point of the input voltage width that outputs the same output code
from an A-D converter with ideal characteristics. For example, when VREF = 5.12 V, 1 LSB width is 20 mV,
and 0 mV, 20 mV, 40 mV, 60 mV, 80 mV, ... are selected as the analog input voltages.
The absolute accuracy = ±3 LSB indicates that when the analog input voltage is 100 mV, the output code
expected from an ideal A-D conversion characteristics is “00516,” however the actual A-D conversion result
is between “00216” to “00816.”
The absolute accuracy includes the zero error and the full-scale error.
The absolute accuracy is degraded when VREF is lowered. Any of the output codes for analog input voltages
from VREF to AVCC is “FF16.”
0016
0116
0216
0316
0416
0516
0616
0
20
40
60
80
100
120
140
160
180
200
220
0716
0816
0916
0A16
0B16
+3 LSB
–3 LSB
Ideal A-D conversion
characteristics
Analog input voltage (mV)
Output code
(A-D conversion result)
Fig. 12.4.1 Absolute accuracy of A-D converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com