Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 263Page - Renesas Technology Corp 7721 Datasheet HTML 264Page - Renesas Technology Corp 7721 Datasheet HTML 265Page - Renesas Technology Corp 7721 Datasheet HTML 266Page - Renesas Technology Corp 7721 Datasheet HTML 267Page - Renesas Technology Corp 7721 Datasheet HTML 268Page - Renesas Technology Corp 7721 Datasheet HTML 269Page - Renesas Technology Corp 7721 Datasheet HTML 270Page - Renesas Technology Corp 7721 Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 577 page
background image
7721 Group User’s Manual
12–16
A-D CONVERTER
12.5 One-shot mode
12.5.2 One-shot mode operation description
(1)
When an internal trigger is selected
Œ The A-D converter starts operation when the A-D conversion start bit is set to “1.”
 The A-D conversion is completed after 57 cycles of
φAD. Then, the contents of the successive
approximation register (conversion result) are transferred to the A-D register i.
Ž At the same time as step , the A-D conversion interrupt request bit is set to “1.”
 The A-D conversion start bit is cleared to “0” and the A-D converter stops operation.
(2)
When an external trigger is selected
_____
Œ The A-D converter starts operation when the input level to the ADTRG pin changes from “H” to “L”
while the A-D conversion start bit is “1.”
 The A-D conversion is completed after 57 cycles of
φAD. Then, the contents of the successive
approximation register (conversion result) are transferred to the A-D register i.
Ž At the same time as step , the A-D conversion interrupt request bit is set to “1.”
 The A-D conversion stops.
The A-D conversion start bit remains set to “1” after the operation is completed. Accordingly, the
_____
operation of the A-D converter can be performed again from step Œ when the level of the ADTRG pin
changes from “H” to “L.”
_____
When the level of the ADTRG pin changes from “H” to “L” during operation, the operation at that point
is cancelled and is restarted from step Œ.
Figure 12.5.2 shows the conversion operation in the one-shot mode.
Fig. 12.5.2 Conversion operation in one-shot mode
Trigger occur
Convert input voltage from
ANi pin
Conversion result
A-D register i
A-D conversion interrupt request occurs.
A-D converter halt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com