Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 260Page - Renesas Technology Corp 7721 Datasheet HTML 261Page - Renesas Technology Corp 7721 Datasheet HTML 262Page - Renesas Technology Corp 7721 Datasheet HTML 263Page - Renesas Technology Corp 7721 Datasheet HTML 264Page - Renesas Technology Corp 7721 Datasheet HTML 265Page - Renesas Technology Corp 7721 Datasheet HTML 266Page - Renesas Technology Corp 7721 Datasheet HTML 267Page - Renesas Technology Corp 7721 Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 577 page
background image
7721 Group User’s Manual
12–13
A-D CONVERTER
12.4.2 Differential non-linearity error
The differential non-linearity error indicates the difference between the 1 LSB step width (the ideal analog
input voltage width while the same output code is expected to output) of an A-D converter with ideal
characteristics and the actual measured step width (the actual analog input voltage width while the same
output code is output). For example, when VREF = 5.12 V, the 1 LSB width of an A-D converter with ideal
characteristics is 20 mV, however when the differential non-linearity error is ±1 LSB, the actual measured
1 LSB width is 0 to 40 mV.
12.4 Absolute accuracy and differential non-linearity error
Fig. 12.4.2 Differential non-linearity error
0016
0116
0216
0316
0416
0516
0616
0
20
40
60
80
100
120
140
160
180
0716
0816
0916
Output code
(A-D conversion result)
Differential non-linearity error
Analog input voltage (mV)
1 LSB width with ideal
A-D conversion characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com