Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 257Page - Renesas Technology Corp 7721 Datasheet HTML 258Page - Renesas Technology Corp 7721 Datasheet HTML 259Page - Renesas Technology Corp 7721 Datasheet HTML 260Page - Renesas Technology Corp 7721 Datasheet HTML 261Page - Renesas Technology Corp 7721 Datasheet HTML 262Page - Renesas Technology Corp 7721 Datasheet HTML 263Page - Renesas Technology Corp 7721 Datasheet HTML 264Page - Renesas Technology Corp 7721 Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 577 page
background image
7721 Group User’s Manual
12–10
A-D CONVERTER
12.3 A-D conversion method
The A-D converter compares the comparison voltage (Vref), which is internally generated according to the
contents of the successive approximation register, with the analog input voltage (VIN), which is input from
the analog input pin (ANi). By reflecting the comparison result on the successive approximation register, VIN
is converted into a digital value. When a trigger is generated, the A-D converter performs the following
processing:
Œ
Determining bit 7 of the successive approximation register
The A-D converter compares Vref with VIN. At this time, the contents of the successive approximation
register is “100000002” (initial value).
Bit 7 of the successive approximation register changes according to the comparison result as follows:
When Vref < VIN, bit 7 = “1”
When Vref > VIN, bit 7 = “0”

Determining bit 6 of the successive approximation register
After setting bit 6 of the successive approximation register to “1,” the A-D converter compares Vref
with VIN. Bit 6 changes according to the comparison result as follows:
When Vref < VIN, bit 6 = “1”
When Vref > VIN, bit 6 = “0”
Ž
Determining bits 5 to 0 of the successive approximation register
Operations in  are performed for bits 5 to 0.
When bit 0 is determined, the contents (conversion result) of the successive approximation register
is transferred to the A-D register i.
The comparison voltage (Vref) is generated according to the latest contents of the successive approximation
register. Table 12.3.1 lists the relationship between the successive approximation register’s contents and
Vref. Table 12.3.2 lists changes of the successive approximation register and Vref during the A-D conversion.
Figure 12.3.1 shows the ideal A-D conversion characteristics.
Table 12.3.1 Relationship between successive approximation register’s contents and Vref
12.3 A-D conversion method
VREFV
256
Successive approximation register’s contents: n
0
1 to 255
! (n – 0.5)
Vref (V)
0
VREFV: Reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com