Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 258Page - Renesas Technology Corp 7721 Datasheet HTML 259Page - Renesas Technology Corp 7721 Datasheet HTML 260Page - Renesas Technology Corp 7721 Datasheet HTML 261Page - Renesas Technology Corp 7721 Datasheet HTML 262Page - Renesas Technology Corp 7721 Datasheet HTML 263Page - Renesas Technology Corp 7721 Datasheet HTML 264Page - Renesas Technology Corp 7721 Datasheet HTML 265Page - Renesas Technology Corp 7721 Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 577 page
background image
7721 Group User’s Manual
12–11
A-D CONVERTER
Table 12.3.2 Change in successive approximation register and Vref during A-D conversion
12.3 A-D conversion method
±
1
1
n7
0 00 000 0
00 0 000 0
10 0
0 0 0 0
n7 n6 10
0 0
0 0
n7 n6 n5 n4 n3 n2 n1 1
n7 n6 n5 n4 n3 n2 n1 n0
b7
b0
1st comparison result
2nd comparison result
Successive approximation register
Change of Vref
A-D converter halt
1st comparison
2nd comparison
3rd comparison
8th comparison
Conversion complete
–
2
VREF
512
VREF
:
2
VREF
±
2
VREF
4
VREF
–
512
VREF
±
2
VREF
4
VREF
8
VREF
–
512
VREF
±
±
2
VREF
4
VREF
8
VREF
± ...... ±
VREF
256
–
512
VREF
[V]
[V]
[V]
[V]
[V]
4
VREF
•n7=1
4
VREF
•n7=0
+
–
8
VREF
8
VREF
•n6=1
•n6=0
+
–
:
:
:
:
:
Fig. 12.3.1 Ideal A-D conversion characteristics
0016
0116
0216
0316
FE16
FF16
Analog input voltage
VREF
256
!1
VREF
256
!2
VREF
256
!3
!253
VREF
256
VREF
256
!254
VREF
256
!255
VREF
VREF
256
!0.5
ldeal A-D conversion characteristics
0
A-D conversion result
FD16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com