Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 266Page - Renesas Technology Corp 7721 Datasheet HTML 267Page - Renesas Technology Corp 7721 Datasheet HTML 268Page - Renesas Technology Corp 7721 Datasheet HTML 269Page - Renesas Technology Corp 7721 Datasheet HTML 270Page - Renesas Technology Corp 7721 Datasheet HTML 271Page - Renesas Technology Corp 7721 Datasheet HTML 272Page - Renesas Technology Corp 7721 Datasheet HTML 273Page - Renesas Technology Corp 7721 Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 577 page
background image
7721 Group User’s Manual
12–19
A-D CONVERTER
12.6 Repeat mode
12.6.2 Repeat mode operation description
(1)
When an internal trigger is selected
Œ The A-D converter starts operation when the A-D conversion start bit is set to “1.”
 The first A-D conversion is completed after 57 cycles of
φAD. Then, the contents of the successive
approximation register (conversion result) are transferred to the A-D register i.
Ž The A-D converter repeats operation until the A-D conversion start bit is cleared to “0” by software.
The conversion result is transferred to the A-D register i each time the conversion is completed.
(2)
When an external trigger is selected
____
Œ The A-D converter starts operation when the input level to the ADTRG pin changes from “H” to “L”
while the A-D conversion start bit is “1.”
 The first A-D conversion is completed after 57 cycles of
φAD. Then, the contents of the successive
approximation register (conversion result) are transferred to the A-D register i.
Ž The A-D converter repeats operation until the A-D conversion start bit is cleared to “0” by software.
The conversion result is transferred to the A-D register i each time the conversion is completed.
_____
When the level of the ADTRG pin changes from “H” to “L” during operation, the operation at that point
is cancelled and is restarted from step Œ.
Figure 12.6.2 shows the conversion operation in the repeat mode.
Trigger occur
Convert input voltage from
ANi pin
Conversion result
A-D register i
Fig. 12.6.2 Conversion operation in repeat mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com