Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 268Page - Renesas Technology Corp 7721 Datasheet HTML 269Page - Renesas Technology Corp 7721 Datasheet HTML 270Page - Renesas Technology Corp 7721 Datasheet HTML 271Page - Renesas Technology Corp 7721 Datasheet HTML 272Page - Renesas Technology Corp 7721 Datasheet HTML 273Page - Renesas Technology Corp 7721 Datasheet HTML 274Page - Renesas Technology Corp 7721 Datasheet HTML 275Page - Renesas Technology Corp 7721 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 577 page
background image
7721 Group User’s Manual
12–21
A-D CONVERTER
12.7 Single sweep mode
Fig. 12.7.1 Initial setting example for registers relevant to single sweep mode
b7
b0
Port P7 direction register (address 1116)
qPort P7 direction register
Set the bits corresponding
to analog input pins to “0.”
Set bit 7 to “0” when
selecting external trigger.
qSet A-D conversion start bit to “1”
b7
b0
A-D control register (address 1E16)
1
A-D conversion start bit
qInterrupt priority level
b7
b0
A-D conversion interrupt control register (address 7016)
Interrupt priority level select bits
Set to a level between 1 to 7 when using this interrupt.
Set to a level 0 when disabling this interrupt.
When external trigger is selected
When internal trigger is
selected
Trigger occur
Operation start
Note : Writing to each bit (except bit 6) of the A-D control register and each bit of the A-D sweep pin
select register must be performed while the A-D converter halts (before a trigger occurs).
Input falling edge to
ADTRG pin
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
A-D control register (address 1E16)
0 0 : AN0, AN1 (2 pins)
0 1 : AN0–AN3 (4 pins)
1 0 : AN0–AN5 (6 pins)
1 1 : AN0–AN7 (8 pins)
b1 b0
Trigger select bit
0 : Internal trigger
1 : External trigger
A-D conversion start bit
0: Stop A-D conversion
A-D conversion frequency ( AD)
select bit
0 : f2 divided by 4
1 : f2 divided by 2
b7
b0
qA-D control register and A-D sweep pin select register
A-D sweep pin select register (address 1F16)
b7
b0
10
0
!!
!
A-D sweep pin select bits
! : “0” or “1”
Single sweep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com