Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 269Page - Renesas Technology Corp 7721 Datasheet HTML 270Page - Renesas Technology Corp 7721 Datasheet HTML 271Page - Renesas Technology Corp 7721 Datasheet HTML 272Page - Renesas Technology Corp 7721 Datasheet HTML 273Page - Renesas Technology Corp 7721 Datasheet HTML 274Page - Renesas Technology Corp 7721 Datasheet HTML 275Page - Renesas Technology Corp 7721 Datasheet HTML 276Page - Renesas Technology Corp 7721 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 577 page
background image
7721 Group User’s Manual
12–22
A-D CONVERTER
12.7.2 Single sweep mode operation description
(1)
When an internal trigger is selected
Œ The operation for the input voltage from the AN0 pin starts when the A-D conversion start bit is
set to “1.”
 The A-D conversion of the input voltage from the AN0 pin is completed after 57 cycles of
φAD. Then,
the contents of the successive approximation register (conversion result) are transferred to the
A-D register 0.
Ž For all of the selected analog input pins, the A-D conversion is performed.
The conversion result is transferred to the A-D register i each time each pin is converted.
 When step Ž is completed, the A-D conversion interrupt request bit is set to “1.”
 The A-D conversion start bit is cleared to “0” and the A-D converter stops operation.
(2)
When an external trigger is selected
Œ The A-D converter starts operation for the input voltage from the AN0 pin when the input level to
_____
the ADTRG pin changes from “H” to “L” while the A-D conversion start bit is “1.”
 The A-D conversion of the input voltage from the AN0 pin is completed after 57 cycles of
φAD. Then,
the contents of the successive approximation register (conversion result) are transferred to the
A-D register 0.
Ž For all of the selected analog input pins, the A-D conversion is performed.
The conversion result is transferred to the A-D register i each time each pin is converted.
 When step Ž is completed, the A-D conversion interrupt request bit is set to “1.”
 The A-D conversion stops.
The A-D conversion start bit remains set to “1” after the operation is completed. Accordingly, the
_____
operation of the A-D converter can be performed again from step Œ when the level of the ADTRG pin
changes from “H” to “L.”
_____
When the level of the ADTRG pin changes from “H” to “L” during operation, the operation at that point
is cancelled and is restarted from step Œ.
Figure 12.7.2 shows the conversion operation in the single sweep mode.
12.7 Single sweep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com