Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 277Page - Renesas Technology Corp 7721 Datasheet HTML 278Page - Renesas Technology Corp 7721 Datasheet HTML 279Page - Renesas Technology Corp 7721 Datasheet HTML 280Page - Renesas Technology Corp 7721 Datasheet HTML 281Page - Renesas Technology Corp 7721 Datasheet HTML 282Page - Renesas Technology Corp 7721 Datasheet HTML 283Page - Renesas Technology Corp 7721 Datasheet HTML 284Page - Renesas Technology Corp 7721 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 577 page
background image
7721 Group User’s Manual
13-2
DMA CONTROLLER
13.1 Overview
The DMA controller (hereafter called DMAC) transfers data using the bus and bypassing the CPU. DMAC
of the M37721 provides four independent channels of DMA0–DMA3, which have the same function each.
In this chapter, the source and destination of each DMA transfer are represented as follows.
q Memory
A device which needs its own address to be specified
Examples: Internal RAM and SFRs, external memory, and memory-mapped I/Os
q I/O
A device which does not need its own address to be specified
Example: External I/O devices
13.1.1 Performance overview
Table 13.1.1 lists the performance overview.
Table 13.1.1 DMAC performance overview
Item
Performance specifications
Number of channels
Transfer space
Number of transfer
bytes
DMA request source
Channel priority
Transfer rate
Data transfer
method
Transfer unit
Address direction of
transfer
Transfer mode
Continuous transfer
mode
4 channels
16 Mbytes (between arbitrary spaces)
Maximum of 16 Mbytes
Internal 14 sources and External 1 source
Fixed or Rotating
Maximum of 12.5 Mbytes/sec (at f(XIN) = 25 MHz, 1-bus cycle transfer)
Maximum of 6.25 Mbytes/sec (at f(XIN) = 25 MHz, 2-bus cycle transfer)
1-bus cycle or 2-bus cycle transfer
8 or 16 bits
Fixed, Forward, or Backward
(Directions of source and destination are independently selectable.)
Burst transfer or Cycle-steal transfer mode
Single transfer, Repeat transfer, Array chain transfer, or Link array chain transfer
mode
13.1 Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com