Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 278Page - Renesas Technology Corp 7721 Datasheet HTML 279Page - Renesas Technology Corp 7721 Datasheet HTML 280Page - Renesas Technology Corp 7721 Datasheet HTML 281Page - Renesas Technology Corp 7721 Datasheet HTML 282Page - Renesas Technology Corp 7721 Datasheet HTML 283Page - Renesas Technology Corp 7721 Datasheet HTML 284Page - Renesas Technology Corp 7721 Datasheet HTML 285Page - Renesas Technology Corp 7721 Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 577 page
background image
7721 Group User’s Manual
13-3
DMA CONTROLLER
13.1.2 Bus use priority levels
The bus use priority levels are fixed by hardware as follows:
DRAMC
>
Hold function
>
DMAC >
CPU
(DRAM refresh)
Because DMAC has the third priority, it actually operates as follows:
• When DRAM refresh request or Hold request is generated during DMA transfer
After the transfer of one transfer unit (8-bit or 16-bit data), which is being performed at that time, is
complete, DMAC relinquishes the bus to a DRAM refresh or a Hold function.
When DMAC regains the right to use bus after the DRAM refresh ends or the Hold state is removed,
DMA transfer is restarted at the following address.
• When DMA request is generated during DRAM refresh or in Hold state
DMAC gains the right to use bus after the DRAM refresh ends or the Hold state is removed.
• When DMA request is generated while CPU uses bus
Upon end of the bus cycle, DMAC gains the right to use bus if any DRAM refresh request or Hold
request is not generated at that time.
If a DRAM refresh request or a Hold request is generated when the bus cycle ends, DMAC gains
the right to use bus after the DRAM refresh ends or the Hold state is removed.
For details, refer to section “13.2.1 Bus access control circuit” and bus request sampling signals in
timing diagrams.
13.1.3 Modes
DMAC has the following transfer methods and modes. Because these methods and modes are independent
each other, any combination between them is selectable.
(1)
Data transfer method
s 2-bus cycle transfer
This is a method used to transfer data between memories. A DMA transfer consumes 2 cycles: a
read and a write cycle of data.
For details, refer to section “13.4.1 2-bus cycle transfer.”
s 1-bus cycle transfer
This is a method used to transfer data between a memory and an I/O. A read and write of data
is carried out at the same time (in 1-bus cycle), so that high-speed transfer can be accomplished.
For details, refer to section “13.4.2 1-bus cycle transfer.”
(2)
Transfer unit
s 8-bit transfer
A minimum unit of DMA transfer is 8 bits; that is, an 8-bit data is transferred for one DMA request
in the cycle-steal transfer mode.
In the burst transfer mode, if a DRAM refresh request or a Hold request is generated during DMA
___
transfer, or if TC input is driven from “H” to “L” to force DMA transfer into termination, DMAC
relinquishes the bus after completion of 8-bit data transfer which is being performed at that time.
s 16-bit transfer
A minimum unit of DMA transfer is 16 bits; that is, a 16-bit data is transferred for one DMA request
in the cycle-steal transfer mode.
In the burst transfer mode, if a DRAM refresh request or a Hold request is generated during DMA
___
transfer, or if TC input is driven from “H” to “L” to force DMA transfer into termination, DMAC
relinquishes the bus after completion of 16-bit data transfer which is being performed at that time.
13.1 Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com