Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 286 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 286 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 282Page - Renesas Technology Corp 7721 Datasheet HTML 283Page - Renesas Technology Corp 7721 Datasheet HTML 284Page - Renesas Technology Corp 7721 Datasheet HTML 285Page - Renesas Technology Corp 7721 Datasheet HTML 286Page - Renesas Technology Corp 7721 Datasheet HTML 287Page - Renesas Technology Corp 7721 Datasheet HTML 288Page - Renesas Technology Corp 7721 Datasheet HTML 289Page - Renesas Technology Corp 7721 Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 577 page
background image
7721 Group User’s Manual
13-7
DMA CONTROLLER
13.2 Block description
13.2.1 Bus access control circuit
In the M37721, the bus is used by DRAMC, Hold function, DMAC, and CPU.
When each request of DRAM refresh, Hold, and DMA is generated, each of DRAMC, Hold function, and
DMAC issues its bus request to the bus access control circuit in DMAC. (Refer to “Figure 13.2.2.”)
Table 13.2.1 lists the bus request generating sources.
Table 13.2.1 Bus request generating sources
Bus request
BUS REQUEST
(DRAMC)
BUS REQUEST
(Hold)
BUS REQUEST
(DMAC)
Bus request generating source
DRAM refresh request
(Generated by an underflow of the refresh timer.)
Hold request
_____
(Generated by “L”-level input to the HOLD pin.)
DMA request
(Generated by a DMA request source.)
The bus access control circuit relinquishes the right to use bus to the function with the highest priority
among functions, which issue bus requests when the BUS REQUEST signal is sampled. This is the bus
request acceptance. If any bus request is not generated at bus request sampling, the CPU gains the right
to use bus.
The bus use priority levels are fixed by hardware, and the bus status is reported by status signal outputs
ST0 and ST1. Table 13.2.2 lists the relationship between the bus use priority level, bus status, and status
signals.
Table 13.2.2 Relationship between bus use priority level, bus status, and status signals
Bus use
priority level
1 (Highest)
2
3
4 (Lowest)
Bus status
DRAM refresh
Hold
DMAC
CPU (Including the term while the CPU does not use the bus; for
example, the term when the CPU is calculating and does not use
the bus)
0
0
1
1
0
1
0
1
Status signals
ST1
ST0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com