Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 279Page - Renesas Technology Corp 7721 Datasheet HTML 280Page - Renesas Technology Corp 7721 Datasheet HTML 281Page - Renesas Technology Corp 7721 Datasheet HTML 282Page - Renesas Technology Corp 7721 Datasheet HTML 283Page - Renesas Technology Corp 7721 Datasheet HTML 284Page - Renesas Technology Corp 7721 Datasheet HTML 285Page - Renesas Technology Corp 7721 Datasheet HTML 286Page - Renesas Technology Corp 7721 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 577 page
background image
7721 Group User’s Manual
13-4
DMA CONTROLLER
(3)
Transfer modes
s Burst transfer mode
When once a DMA request is accepted in this mode, an entire batch of data is transferred. Neither
is the right to use bus returned to the CPU, nor the DMA request of the channel with the higher
________
priority is accepted until the transfer is complete. However, if an external source (DMAREQi) is
selected as a DMA request source with the level sense selected, DMA transfer is performed when
_________
the DMAREQi pin’s input level is “L,” and the right to use bus is returned to the CPU when the
_________
DMAREQi
pin’s input level is “H.” Even in this case, any DMA request of the other channels is not
accepted until the entire batch of data has been transferred.
For details, refer to section “13.4.3 Burst transfer mode.”
s Cycle-steal transfer mode
For each DMA request, 1 transfer unit of data is transferred. (Hereafter, transferring 1-transfer-unit
data, which is 8-bit or 16-bit data in the M37721, is called “1-unit transfer.”)
When 1-unit transfer is complete and another DMA request (including that of other channels) is not
generated, the DMAC relinquishes the right to use bus to the CPU.
In the cycle-steal transfer mode, all of the DMA request sources are available.
For details, refer to section “13.4.4 Cycle-steal transfer mode.”
Figure 13.1.1 shows the outline of the DMA transfer modes.
s Burst transfer mode (External source (DMAREQi), level sense)
s Burst transfer mode (Edge sense)
Right to use bus
(Transfer of entire batch of data)
CPU
DMAi
CPU
DMAi
DMAREQi input
CPU
DMAi
CPU
CPU
CPU
DMA1
DMA0
DMA0
CPU
Right to use bus
Right to use bus
s Cycle-steal transfer mode
DMA0 request is accepted.
DMA0 request is accepted.
DMA1 request is accepted.
DMAi request is accepted.
(One transfer unit)
(One transfer unit)
(One transfer unit)
13.1 Overview
Fig. 13.1.1 Outline of DMA transfer modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com