Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 344 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 344 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 340Page - Renesas Technology Corp 7733 Datasheet HTML 341Page - Renesas Technology Corp 7733 Datasheet HTML 342Page - Renesas Technology Corp 7733 Datasheet HTML 343Page - Renesas Technology Corp 7733 Datasheet HTML 344Page - Renesas Technology Corp 7733 Datasheet HTML 345Page - Renesas Technology Corp 7733 Datasheet HTML 346Page - Renesas Technology Corp 7733 Datasheet HTML 347Page - Renesas Technology Corp 7733 Datasheet HTML 348Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 940 page
background image
CONNECTING EXTERNAL DEVICES
7733 Group User’s Manual
12–19
12.4 Hold function
When an external circuit which accesses the bus without using the central processing unit (CPU), for
example DMA, is used, it is necessary to generate a timing for transferring the right to use of the bus from
the CPU to the external circuit. The hold function is used to generate this timing.
_____
By applying “L” level to pin HOLD in the memory expansion or microprocessor mode, the microcomputer
_____
enters the hold state. While pin HOLD’s level is “L,” this state is retained. Table 12.4.1 lists the microcomputer’s
state in the hold state.
In the hold state, oscillation of the oscillator does not stop. Therefore, the internal peripheral devices can
operate even in the hold state. (Note that the watchdog timer stops.)
Table 12.4.1 Microcomputer’s state in hold state
Item
State
Operating
Stopped at “L”
Floating
Oscillation
φCPU
A0 to A7, A8/D8 to A15/D15,
__
____
A16/D0 to A23/D7, R/W, BHE
Outputs “L” level.
In the memory expansion mode
s When the clock
φ1 output selection bit*1 = “1”
Outputs clock
φ1.
s When the clock
φ1 output selection bit = “0”
_____
Retains the same state in which HOLD was accepted.
In the microprocessor mode
s When the signal output disable selection bit*2= “1”
_____
Retains the same state in which HOLD was accepted.
s When the signal output disable selection bit = “0”
Outputs clock
φ1.
_____
Retains the same state in which HOLD was accepted.
Operating
Stopped
Clock
φ1 output selection bit*1: Bit 7 at address 5E16
Signal output disable selection bit*2: Bit 6 at address 6C16
_____
HLDA
, ALE
P42/
φ1
P43 to P47, P5 to P8
Timers A and B, Serial I/O,
A-D converter
Watchdog timer
12.4 Hold function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com