Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 342Page - Renesas Technology Corp 7733 Datasheet HTML 343Page - Renesas Technology Corp 7733 Datasheet HTML 344Page - Renesas Technology Corp 7733 Datasheet HTML 345Page - Renesas Technology Corp 7733 Datasheet HTML 346Page - Renesas Technology Corp 7733 Datasheet HTML 347Page - Renesas Technology Corp 7733 Datasheet HTML 348Page - Renesas Technology Corp 7733 Datasheet HTML 349Page - Renesas Technology Corp 7733 Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 940 page
background image
CONNECTING EXTERNAL DEVICES
7733 Group User’s Manual
12–21
Fig. 12.4.2 Timing when hold state is accepted and terminated (1)
External data bus
Data length
External data bus width
Software wait
16
8, 16
No wait,
Not in use
q State when “L” level is input to pin HOLD
Wait 1, Wait 0
8, 16
8
ALE
E
External address bus/
External data bus
HLDA
HOLD
External address bus
Address B
1 !
1
1 !
1
Œ
Sampling timing
Bus is in use.
Bus is not in use.
Note: The same operation is performed independent of the software wait (no wait, wait 0, or wait 1).
This diagram shows the operation when no wait is selected.
Œ Because the bus is not in use, the address which was output immediately before is
output again, instead of a new address.
R/W
Clock
1
Address A
Data
<<When “L” level is input to pin HOLD while bus is not in use>>
BHE
Floating
Address A
Floating
Floating
Bus is in use.
Hold state
12.4 Hold function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com