Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 357Page - Renesas Technology Corp 7733 Datasheet HTML 358Page - Renesas Technology Corp 7733 Datasheet HTML 359Page - Renesas Technology Corp 7733 Datasheet HTML 360Page - Renesas Technology Corp 7733 Datasheet HTML 361Page - Renesas Technology Corp 7733 Datasheet HTML 362Page - Renesas Technology Corp 7733 Datasheet HTML 363Page - Renesas Technology Corp 7733 Datasheet HTML 364Page - Renesas Technology Corp 7733 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 940 page
background image
RESET
7733 Group User’s Manual
13–10
0V
0V
VCC
RESET
Powered on here
4.5V
0.9V
Note: For the low voltage version, refer to Figure 18.3.1.
______
13.1.4 Time required for applying “L” level to pin RESET
______
Time required for applying “L” level to pin RESET varies according to the main clock oscillation circuit’s
state.
sThe case where an oscillator is stably oscillating or an external clock is stably input from pin XIN
Apply “L” level for 2
µs or more.
sThe case where an oscillator is not stably oscillating (including the cases where power-on reset is applied
and where the microcomputer operates in the stop mode)
Apply “L” level until oscillation is stabilized.
The time required for stabilizing oscillation varies according to the oscillator. For details, contact with the
oscillator manufacturer.
Figure 13.1.8 shows power-on reset conditions. Figure 13.1.9 shows an example of a power-on reset
circuit.
g For the stop mode, refer to chapter “11. STOP MODE AND WAIT MODES.” For clocks, refer to chapter
“14. CLOCK GENERATING CIRCUIT.”
13.1 Hardware reset
Fig. 13.1.8 Power-on reset conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com