Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 361Page - Renesas Technology Corp 7733 Datasheet HTML 362Page - Renesas Technology Corp 7733 Datasheet HTML 363Page - Renesas Technology Corp 7733 Datasheet HTML 364Page - Renesas Technology Corp 7733 Datasheet HTML 365Page - Renesas Technology Corp 7733 Datasheet HTML 366Page - Renesas Technology Corp 7733 Datasheet HTML 367Page - Renesas Technology Corp 7733 Datasheet HTML 368Page - Renesas Technology Corp 7733 Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 940 page
background image
CLOCK GENERATING CIRCUIT
7733 Group User’s Manual
14–2
14.1 Overview
Quartz-crystal oscillator
Pins XCIN and XCOUT
Not available
Stopped (Note 1)
• A clock which is externally
generated can be input.
• Sub clock can be input to external
devices. (Refer to 14.3.1.)
Usage of clock
Resonator/Oscillator
which can be connected
Pins which are connected to
resonator/oscillator
Oscillation stop/restart (Note 2)
Oscillator’s state just after
reset
Remarks
• Operating clock source of CPU
• Operating clock source of internal
peripheral devices
• Operating clock source of clock timer
• Ceramic resonator
• Quartz-crystal oscillator
Pins XIN and XOUT
Available
Operating
A clock which is externally generated
can be input.
Main-clock oscillation circuit
Sub-clock oscillation circuit
Notes 1: Immediately after reset, pins XCIN and XCOUT function as ports P77 and P76, respectively. The
oscillator starts operating when pins’ function is switched by the port-XC selection bit (bit 4 at
address 6C16).
2: Whether oscillation is stopped or restarted is set by the main clock stop bit (bit 2 at address 6C16).
In the main-clock/sub-clock oscillation circuit, oscillation can be stopped by the STP instruction;
oscillation can be restarted by an interrupt request generated. (Refer to Figure 14.3.9.)
The clock generating circuit is described below.
14.1 Overview
This clock generating circuit includes two oscillation circuits, which are main-clock and sub-clock oscillation
circuits. Each of the main and sub clocks can be used as an operating clock for the CPU, internal peripheral
devices, and clock timer.
Table 14.1.1 Main-clock and sub-clock oscillation circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com