Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 363Page - Renesas Technology Corp 7733 Datasheet HTML 364Page - Renesas Technology Corp 7733 Datasheet HTML 365Page - Renesas Technology Corp 7733 Datasheet HTML 366Page - Renesas Technology Corp 7733 Datasheet HTML 367Page - Renesas Technology Corp 7733 Datasheet HTML 368Page - Renesas Technology Corp 7733 Datasheet HTML 369Page - Renesas Technology Corp 7733 Datasheet HTML 370Page - Renesas Technology Corp 7733 Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 940 page
background image
CLOCK GENERATING CIRCUIT
7733 Group User’s Manual
14–4
M37733MHBXXXFP
Externally generated clock
XCIN
P76/AN6
VCC
VSS
External circuit
M37733MHBXXXFP
XCIN
XCOUT
RCf
CCIN
CCOUT
RCd
14.2 Oscillation circuit example
Fig. 14.2.3 Connection example of quartz-crystal oscillator
Fig. 14.2.4 Externally generated clock input example
14.2.2 Sub-clock oscillation circuit example
To the Sub-clock oscillation circuit, an oscillator can
be connected, or a clock which is externally generated
can be input.
(1) Connection example of oscillator
When using an oscillator, connect a quartz-
crystal oscillator between pins XCIN and XCOUT.
(A ceramic resonator cannot be connected.)
Figure 14.2.3 shows a quartz-crystal oscillator
connection example.
Circuit constants such as Rcf, Rcd, CCIN, and
CCOUT (shown in Figure 14.2.3) depend on the
oscillator. These values shall be set to the
oscillator manufacturer’s recommended values.
When connecting an oscillator to the sub-clock
oscillation circuit, set the port-Xc selection bit
(bit 4 at address 6C16) to “1” and the sub clock
external input selection bit (bit 2 at address
6F16) to “0.” Note that the sub clock external
input selection bit has a function to select return
conditions from the stop mode. (Refer to chapter
“11. STOP AND WAIT MODES.”)
(2) Input example of clock which is externally
generated
Figure 14.2.4 shows an input example of a clock
which is generated in an external circuit.
When inputting a sub clock from an external
circuit, be sure to set the sub clock external
input selection bit to “1,” and then, select pins
XCIN and XCOUT by the port-Xc selection bit.
In this case, an externally generated clock is
input to pin XIN, and pin XOUT functions as pin
P76/AN6. Note that the sub clock external input
selection bit has a function to select return
conditions from the stop mode. (Refer to chapter
“11. STOP AND WAIT MODES.”)
If the sub-clock output selection bit (bit 1 at
address 6D16) is set to “1” when the port-Xc
selection bit = “1” (Note), sub clock
φSUB is
output from port P67. Accordingly, a 32-kHz
sub clock can be supplied to external gates.
Note: At this time, a sub clock is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com