Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 371 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 371 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 367Page - Renesas Technology Corp 7733 Datasheet HTML 368Page - Renesas Technology Corp 7733 Datasheet HTML 369Page - Renesas Technology Corp 7733 Datasheet HTML 370Page - Renesas Technology Corp 7733 Datasheet HTML 371Page - Renesas Technology Corp 7733 Datasheet HTML 372Page - Renesas Technology Corp 7733 Datasheet HTML 373Page - Renesas Technology Corp 7733 Datasheet HTML 374Page - Renesas Technology Corp 7733 Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 940 page
background image
CLOCK GENERA
TING CIRCUIT
7733 Group User’s Manual
14–8
Bit
Bit name
Functions
At reset
RW
0
1
2
3
4
5
6
7
XCOUT drivability selection bit
Main clock stop bit
System clock selection bit
Port-Xc selection bit
Not implemented.
0
0
0
0
Un-
defined
0
0: Drivability “LOW”
1: Drivability “HIGH”
When the port-Xc selection bit = “0,”
0: Main clock
1: Main clock divided by 8
When the port-Xc selection bit = “1,”
0: Main clock
1: Sub clock
1
Un-
defined
Oscillation circuit control register 0 (address 6C 16)
b1
b0
b2
b3
b4
b5
b6
b7
Notes
0: Main clock oscillation or external clock
input is available.
1: Main clock oscillation or external clock
input is stopped.
RW
RW
–
Not implemented.
–
RW
(Note 1)
0: Operate as I/O ports (P7 7, P76).
1: Operate as pins XCIN and XCOUT.
RW
(Notes 2
and 3)
RW
(Note 2)
System clock stop bit at wait state
(Note 4)
0: Output is enabled.
1: Output is disabled.
(Refer to Tables
12.1.2 and 12.1.5)
0: Operates in the wait mode.
1: Stopped in the wait mode.
Signal output disable selection bit
RW
(Note 1)
1: Nothing can be written to this bit after reset. Writing to this bit is enabled when the port-Xc
selection bit = “1.”
2: When selecting the sub clock as the system clock, set bit 3 to “1” after setting bit 4 to “1.”
If the above settings are performed simultaneously, in other words, performed by
executing only one instruction, only bit 3 is set to “1.”
3: Although this bit can be set to “1,” it cannot be cleared to “0” after this bit is once set to “1.”
4: When setting the system clock stop bit at wait state to “1,” perform it immediately
before the WIT instruction is executed. Furthermore, clear this bit to “0” immediately after
the wait mode is terminated.
14.3 Clock control
Fig. 14.3.2 Structure of oscillation circuit control register 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com