Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 370 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 370 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 366Page - Renesas Technology Corp 7733 Datasheet HTML 367Page - Renesas Technology Corp 7733 Datasheet HTML 368Page - Renesas Technology Corp 7733 Datasheet HTML 369Page - Renesas Technology Corp 7733 Datasheet HTML 370Page - Renesas Technology Corp 7733 Datasheet HTML 371Page - Renesas Technology Corp 7733 Datasheet HTML 372Page - Renesas Technology Corp 7733 Datasheet HTML 373Page - Renesas Technology Corp 7733 Datasheet HTML 374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 940 page
background image
CLOCK GENERATING CIRCUIT
7733 Group User’s Manual
14–7
14.3 Clock control
(3) Sub clock
It is the clock supplied by the sub-clock oscillation circuit. The sub-clock supply is stopped immediately
after reset (Note). When the port-Xc selection bit (bit 4 at address 6C16) is set to “1,” the sub-clock
oscillation circuit starts operating, in other words, oscillation starts or an external clock is input.
Furthermore, in this case, fC32 (sub clock divided by 32) is connected. (Refer to section “7.6 Clock
timer.”)
Furthermore, a sub clock can be the system clock by specifying the system clock selection bit after
the oscillation is stabilized. (Refer to Figure 14.3.6.)
The XCOUT pin’s drivability can be lowered by the XCOUT drivability selection bit (bit 0 at address 6C16)
after oscillation of the sub-clock oscillation circuit is stabilized.
By lowering the XCOUT pin’s drivability, power consumption is held down.
When a sub clock is used, in other words, bit 4 at address 6C16 = “1,” sub clock
φSUB is output from
pin P67/TB2IN/
φSUB if the sub-clock output selection bit (bit 1 at address 6D16) is set to “1.”
Note: At this time, the oscillator which is connected to the sub-clock oscillation circuit stops operating,
and pins XCIN and XCOUT function as ports P76 and P77.
(4) Internal clock
φ
It is the CPU’s operating clock source, and its clock source is the system clock.
(5) Clocks f2 to f512
Each of them is the internal peripheral devices’ operating clock, and its clock source is the system
clock.
(6) Clock
φ 1
It is output to external circuits and has the same period as internal clock
φ, and its clock source is
the system clock.
(7) fC32
It is the main clock/sub clock divided by 32 (Refer to Figure 14.3.1.) and the count source of the clock
timer. (Refer to “7.6 Clock timer.”)
(8) Sub clock
φSUB
Sub clock
φSUB is output from port P67 if the sub clock output selection bit (bit 1 at address 6D16) is
set to “1” when the port Xc selection bit = “1,” in other words, when the sub clock is used. Therefore,
the 32-kHz sub clock can be supplied to the external gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com