Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 366 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 366 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 362Page - Renesas Technology Corp 7733 Datasheet HTML 363Page - Renesas Technology Corp 7733 Datasheet HTML 364Page - Renesas Technology Corp 7733 Datasheet HTML 365Page - Renesas Technology Corp 7733 Datasheet HTML 366Page - Renesas Technology Corp 7733 Datasheet HTML 367Page - Renesas Technology Corp 7733 Datasheet HTML 368Page - Renesas Technology Corp 7733 Datasheet HTML 369Page - Renesas Technology Corp 7733 Datasheet HTML 370Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 940 page
background image
CLOCK GENERATING CIRCUIT
7733 Group User’s Manual
14–3
M37733MHBXXXFP
Externally generated clock
Open
XIN
XOUT
VCC
VSS
M37733MHBXXXFP
XIN
XOUT
Rf
CIN
COUT
Rd
14.2 Oscillation circuit example
14.2 Oscillation circuit example
Main-clock and sub-clock oscillation circuits’ examples are described below.
Fig. 14.2.1 Connection example of resonator/oscillator
Fig. 14.2.2 Externally generated clock input example
14.2.1 Main-clock oscillation circuit example
To the main-clock oscillation circuit, a resonator/
oscillator can be connected, or a clock which is
externally generated can be input.
(1) Connection example of resonator/oscillator
Figure 14.2.1 shows an example where pins
XIN and XOUT connect across a ceramic
resonator/quartz-crystal oscillator.
Circuit constants such as Rf, Rd, CIN, and COUT
(shown in Figure 14.2.1) depend on the
resonator/oscillator. These values shall be set
to the resonator/oscillator manufacturer’s
recommended values.
(2) Input example of clock which is externally
generated
Figure 14.2.2 shows an input example of a clock
which is externally generated.
When inputting a main clock from an external
circuit, set “1” to bit 1 of the main-clock oscillation
circuit control register 1. (Refer to Figure 14.3.3.)
By this setting, the main-clock oscillation circuit
stops operating and power consumption can
be held down. Note that this bit has a function
to select return conditions from the stop mode.
(Refer to chapter “11. STOP AND WAIT
MODES.”) Furthermore, when writing to the
oscillation circuit control register 1, follow the
procedure shown in Figure 14.3.4.
When inputting a main clock from an external
circuit, that the external clock must be input
from pin XIN, and pin XOUT must be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com