Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 365Page - Renesas Technology Corp 7733 Datasheet HTML 366Page - Renesas Technology Corp 7733 Datasheet HTML 367Page - Renesas Technology Corp 7733 Datasheet HTML 368Page - Renesas Technology Corp 7733 Datasheet HTML 369Page - Renesas Technology Corp 7733 Datasheet HTML 370Page - Renesas Technology Corp 7733 Datasheet HTML 371Page - Renesas Technology Corp 7733 Datasheet HTML 372Page - Renesas Technology Corp 7733 Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 940 page
background image
CLOCK GENERATING CIRCUIT
7733 Group User’s Manual
14–6
14.3 Clock control
14.3.1 Clock generated in clock generating circuit
(1) System clock
It is the clock source of the system clock divided by 2, internal clock
φ, clock φ 1, and clocks f2 to f512.
(Refer to Figure 14.3.1.) Each of the main clock, main clock divided by 8, and the sub clock can be
selected as the system clock by the system clock selection bit (bit 3 at address 6C16). Table 14.3.1
lists clock combinations of the system clock, internal clock
φ, φ 1, and f2.
0
1
0
1
Port-Xc selection
bit
(bit 4 at 6C16)
System clock
selection bit
(bit 3 at 6C16)
Main clock division
selection bit
(bit 0 at 6C16)
System clock
Table 14.3.1 Clock combinations of system clock, internal clock
φ, φ1, and f2
Internal clock
φ, φ1, f2
(Sub clock is not
used.)
Main clock
Main clock
Main clock divided by 8
Main clock divided by 8
Main clock
Main clock
Sub clock
0
1
0
1
0
1
0
1
Main clock divided by 2
Main clock
Main clock divided by 16
Main clock divided by 8
Main clock divided by 2
Main clock
Sub clock divided by 2
(Sub clock is used.)
0
1
(2) Main clock
It is the clock supplied by the main-clock oscillation circuit. This clock is selected as the system clock
immediately after reset.
After the sub clock is selected as the system clock, the main-clock supply is stopped/restarted by the
main clock stop bit (bits 2 at address 6C16). (Refer to Figures 14.3.6 and 14.3.7.)
By stopping the main-clock supply, power consumption can be held down.
Figure 14.3.5 shows the clock f2 state transition when a sub clock is not used because the port-Xc
selection bit (bit 4 at address 6C16) = “0.” During reset and till after reset state is terminated, the main
clock divided by 2 is selected as clock f2. If the system clock selection bit (bit 3 at address 6C16) is
set to “1,” at this time, the main clock divided by 16 is selected as clock f2, and the clock frequency
which is supplied to the CPU and peripheral devices becomes 1/8. Though this slow down the processing
speed, current consumption is held down. Furthermore, by setting “1” to both of the main clock division
selection bit (bit 0 at address 6F16) and system clock selection bit, the main clock divided by 8 is
selected as clock f2.
When the port-Xc selection bit = “0,” clock fC32, which is the main clock divided by 32, is connected
as the timer B2’s count source if the timer B2 clock source selection bit (bit 1 at address 6D16) = “1”
and timer B2 is used as a clock timer. By this, even when the main clock’s ratio is changed, the clock
timer can use the same clock source. (Refer to Figure 14.3.1.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com