Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 373 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 369Page - Renesas Technology Corp 7733 Datasheet HTML 370Page - Renesas Technology Corp 7733 Datasheet HTML 371Page - Renesas Technology Corp 7733 Datasheet HTML 372Page - Renesas Technology Corp 7733 Datasheet HTML 373Page - Renesas Technology Corp 7733 Datasheet HTML 374Page - Renesas Technology Corp 7733 Datasheet HTML 375Page - Renesas Technology Corp 7733 Datasheet HTML 376Page - Renesas Technology Corp 7733 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 940 page
background image
CLOCK GENERATING CIRCUIT
7733 Group User’s Manual
14–10
14.3 Clock control
Fig. 14.3.5 Clock f2 state transition (when sub clock is not used)
f2 = f(XIN)/2
f2 = f(XIN)/16
f2 = f(XIN)
f2 = f(XIN)/8
CC0 = “1”
CC0 = “0”
CC0 = “1”
CC0 = “0”
CM3 = “0”
CM3 = “1”
CM3 = “1”
CM3 = “0”
(Note 1)
(Note 2)
Notes 1: f2 = f(XIN)/2 represents that clock f 2 is the main clock
divided by 2.
2: f2 = f(XIN) represents that clock f 2 is the main clock
not divided.
Reset
CC0: Main clock division selection bit
CM3: System clock selection bit
CM4: Port-Xc selection bit
• When the sub clock is not used (CM 4 = “0”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com