Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 377 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 377 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 373Page - Renesas Technology Corp 7733 Datasheet HTML 374Page - Renesas Technology Corp 7733 Datasheet HTML 375Page - Renesas Technology Corp 7733 Datasheet HTML 376Page - Renesas Technology Corp 7733 Datasheet HTML 377Page - Renesas Technology Corp 7733 Datasheet HTML 378Page - Renesas Technology Corp 7733 Datasheet HTML 379Page - Renesas Technology Corp 7733 Datasheet HTML 380Page - Renesas Technology Corp 7733 Datasheet HTML 381Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 940 page
background image
CLOCK GENERATING CIRCUIT
7733 Group User’s Manual
14–14
14.3.3 Clock transition
Figure 14.3.9 shows the clock transition.
14.3 Clock control
Fig. 14.3.9 Clock transition
Main-clock oscillation circuit: Stopped
Sub-clock oscillation circuit: Oscillating
System clock: Sub clock
Main-clock oscillation circuit: Oscillating
Sub-clock oscillation circuit: Oscillating
System clock: Sub clock
Main-clock oscillation circuit: Oscillating
Sub-clock oscillation circuit: Oscillating
System clock: Main clock
Main-clock oscillation circuit: Stopped
Sub-clock oscillation circuit: Oscillating
f2 – f512 (Note 2)
Internal clock
φ : Stopped
Main-clock oscillation circuit: Oscillating
Sub-clock oscillation circuit: Oscillating
f2 – f512 (Note 2)
Internal clock
φ : Stopped
Main-clock oscillation circuit: Oscillating
Sub-clock oscillation circuit: Oscillating
f2 – f512 (Note 2)
Internal clock
φ : Stopped
Wait mode
Main-clock oscillation circuit: Oscillating
Sub-clock oscillation circuit: Stopped
f2 – f512 (Note 2)
Internal clock
φ : Stopped
Main-clock oscillation circuit: Oscillating
Sub-clock oscillation circuit: Stopped
System clock: Main clock
WIT
instruction
Interrupt
request
generated
Port-Xc selection bit: “1”
STP
instruction
Reset
System clock selection bit: “1” (Note 1)
System clock selection bit: “0” (Note 1)
Main clock stop bit: “1”
Stop mode
Main clock stop bit: “0”
WIT
instruction
WIT
instruction
WIT
instruction
STP
instruction
STP
instruction
Main-clock oscillation circuit: Stopped
Sub-clock oscillation circuit: Stopped
System clock: Stopped
Main-clock oscillation circuit: Stopped
Sub-clock oscillation circuit: Stopped
System clock: Stopped
Main-clock oscillation circuit: Stopped
Sub-clock oscillation circuit: Stopped
System clock: Stopped
Interrupt
request
generated
Interrupt
request
generated
Interrupt
request
generated
Interrupt
request
generated
Interrupt
request
generated
Interrupt
request
generated
g For the stop and wait modes, refer to chapter “11. STOP AND WAIT MODES.”
Notes 1: Before selecting the system clock, make sure that operation of the oscillator is fully stabilized. Additionally, generate
oscillation stabilizing time by software.
2: In the wait mode, whether clocks f2 to f512 are supplied or stopped can be specified by the system clock stop bit at wait state.
STP
instruction
Interrupt
request
generated
Main-clock oscillation circuit: Stopped
Sub-clock oscillation circuit: Stopped
System clock: Stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com