Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 374Page - Renesas Technology Corp 7733 Datasheet HTML 375Page - Renesas Technology Corp 7733 Datasheet HTML 376Page - Renesas Technology Corp 7733 Datasheet HTML 377Page - Renesas Technology Corp 7733 Datasheet HTML 378Page - Renesas Technology Corp 7733 Datasheet HTML 379Page - Renesas Technology Corp 7733 Datasheet HTML 380Page - Renesas Technology Corp 7733 Datasheet HTML 381Page - Renesas Technology Corp 7733 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 940 page
background image
CLOCK GENERATING CIRCUIT
7733 Group User’s Manual
14–15
14.3 Clock control
14.3.4 Clock prescaler reset
The clock prescaler, which divides a sub clock by 32, is reset by writing “1” to the clock prescaler reset
bit (bit 7 at address 6F16). By this function, the count source (fC32) error immediately after the clock timer
starts counting can be held down. Figure 14.3.10 shows the operation timing of the clock prescaler and
timer B2.
Figure 14.3.10 Operation timing of clock prescaler and timer B2
Clock prescaler reset bit
write pulse
XCIN
Clock timer clock source
fC32
Timer B2 count value
Timer B2 count start flag
XCIN divided by 31
(Note)
n (Set value)
n—1
The above is applied when the main clock is selected as the system clock, in other words, when the system clock selection
bit
(CM3) = “0.”
Note: Only in this period, XCIN divided by 31 is selected.
After this period, XCIN divided by 32 is selected.
XCIN divided by 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com